Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA822IDGS Datasheet(PDF) 9 Page - Texas Instruments

Part # VCA822IDGS
Description  Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA822IDGS Datasheet(HTML) 9 Page - Texas Instruments

Back Button VCA822IDGS Datasheet HTML 5Page - Texas Instruments VCA822IDGS Datasheet HTML 6Page - Texas Instruments VCA822IDGS Datasheet HTML 7Page - Texas Instruments VCA822IDGS Datasheet HTML 8Page - Texas Instruments VCA822IDGS Datasheet HTML 9Page - Texas Instruments VCA822IDGS Datasheet HTML 10Page - Texas Instruments VCA822IDGS Datasheet HTML 11Page - Texas Instruments VCA822IDGS Datasheet HTML 12Page - Texas Instruments VCA822IDGS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
www.ti.com
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-0.2
GainControlVoltage(V)
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
3
0
-3
-6
-9
-12
Frequency(Hz)
1M
10M
100M
1G
V
+10mV
G
DC
PP
IN
DC
=0V
V
=0.5V
1.5
1.0
0.5
0
-0.5
-1.0
Time(10ns/div)
4
3
2
1
0
-1
V
=1.25V
IN
DC
10
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
Frequency(Hz)
1M
10M
100M
1G
V
=2V
O
PP
V
=
1V
-
G
V
=1V
G
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
GainControlVoltage(V)
-1.0 -0.8 -0.6 -0.4 -0.2
0
0.2
0.4
0.6
0.8
1.0
10MHz
20MHz
1MHz
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Frequency(MHz)
0
20
40
60
80
100
V
=+1V
V
=1V
G
O
PP
VCA822
SBOS343A – SEPTEMBER 2007 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS: VS = ±5V, AVMAX = +2V/V (continued)
At TA = +25°C, RL = 100Ω, RF = 1.33kΩ, RG = 1.33kΩ, VG = +1V, VIN = single-ended input on +VIN with –VIN at ground, and
SO-14 package, unless otherwise noted.
GAIN vs GAIN CONTROL VOLTAGE
GAIN CONTROL FREQUENCY RESPONSE
Figure 26.
Figure 27.
GAIN CONTROL PULSE RESPONSE
FULLY-ATTENUATED RESPONSE
Figure 28.
Figure 29.
GROUP DELAY vs GAIN CONTROL VOLTAGE
GROUP DELAY vs FREQUENCY
Figure 30.
Figure 31.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): VCA822


Similar Part No. - VCA822IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA822 TI1-VCA822 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
More results

Similar Description - VCA822IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com