Selected language     English  ā–¼


SM79108 Datasheet(PDF) 3 Page - SyncMOS Technologies,Inc

Part No. SM79108
Description  8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNCMOS [SyncMOS Technologies,Inc]
Homepage  http://www.syncmos.com.tw
Logo 

 
 3 page
background image
Specifications subject to change without notice,contact your sales representatives for the most recent information.
3/26
Ver 2.1
SM79108 08/2006
SyncMOS Technologies International. Inc.
SM79108
Timer 2
Timer 1
Timer 0
Stack
Pointer
Decoder &
Register
256
bytes RAM
Block Diagram
Reset
Circuit
Power
Circuit
Interrupt
Circuit
RES
Vdd
Vss
to pertinent blocks
to whole chip
to pertinent blocks
Acc
Buffer2
Buffer1
ALU
PSW
Buffer
DPTR
PC
Incrementer
Program
Counter
Register
8 K
bytes
Flash
Memory
Port 1
Latch
Port 2
Latch
Port 3
Latch
Port 0
Driver & Mux
Port 1
Driver & Mux
Port 2
Driver & Mux
Port 3
Driver & Mux
8
8
8
8
WDT
Timing
Generator
XTAL2
XTAL1
#EA
ALE/SEG5
#PSENSEG4
to whole system
Instruction
Register
Port 0
Latch
ADC
SPWM
PWM
LCD
Driver
(14 x 4)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM8958A8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM592648 - Bit Micro-controller with 128KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM89T16R1_068-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM89T16R18-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM5964A8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM8954A8-Bits Micro-controller With 16KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM59648 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM8958A_068-Bits Micro-controller With 32KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM59264_068-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM8951A8 - Bit Micro-controller with 4/8KB flash embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl