Selected language     English  ā–¼


SM79108C40 Datasheet(PDF) 5 Page - SyncMOS Technologies,Inc

Part No. SM79108C40
Description  8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNCMOS [SyncMOS Technologies,Inc]
Homepage  http://www.syncmos.com.tw
Logo 

 
 5 page
background image
5/26
Ver 2.1
SM79108 08/2006
SyncMOS Technologies International. Inc.
SM79108
SFR Memory MAP
B
ACC
LCDB0
LCDB1
LCDB2
LCDB3
LCDB4
LCDB5
LCDB6
P4
LCDCON
PSW
PWMC0
T2CON
T2MOD
RCAP2L
RCAP2H
TL2
TH2
IP
IP1
SCONF
P3
PWMD0
IE
IE1
IFR
P2
SPWMC
SPWMD0
SCON
SBUF
P0CON
P1CON
P2CON
P3CON
WDTC
P1
WDTKEY
TCON
TMOD
TL0
TL1
TH0
TH1
ADSCR
ADCD
P0
SP
DPL
DPH
(Reserved)
PCON
SFR Memory MAP
0F8H
0F0H
0E8H
0E0H
0D8H
0D0H
0C8H
0C0H
0B8H
0B0H
0A8H
0A0H
98H
90H
88H
80H
0FFH
0F7H
0EFH
0E7H
0DFH
0D7H
0CFH
0C7H
0BFH
0B7H
0AFH
0A7H
9FH
97H
8FH
87H
Note: The text of SFRs with bold type characters are Extension Special Function Registers for SM79108
Addr
SFR
Reset
7
6
5
4
3
2
1
0
8EH
ADSCR 0000_00**
COM
CON
ADCSS1
ADCSS0
CH1
CH0
Reserved
Reserved
8FH
ADCD
00H
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
97H
WDTKEY
00H
WDTKEY7 WDTKEY6 WDTKEY5 WDTKEY4 WDTKEY3 WDTKEY2 WDTKEY1 WDTKEY0
9AH
P0CON
00H
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
SGE12
SEG13
9BH
P1CON
**0*_*0**
PWME0
SPWME0
9CH
P2CON
00H
SEG3
SEG2
SEG1
SEG0
COME3
COME2
COME1
COME0
9DH
P3CON
00H
ADCE3
ADCE2
ADCE1
ADCE0
9FH
WDTC
000*_*000
WDTE
R
CLEAR
PS2
PS1
PS0
0A3H
SPWMC0 ****_**00
SPFS1
SPFS0
0A4H
SPWMD0
00H
SPWMD04 SPWMD03 SPWMD02 SPWMD01 SPWMD00
BRM02
BRM01
BRM00
0A9H
IE1
****_0***
EADC
0AAH
IFR
****_0***
ADCIF
0B3H
PWMD0
00H
PWMD07
PWMD06
PWMD05
PWMD04
PWMD03
PWMD02
PWMD01
PWMD00
0B9H
IP1
****_0***
PADC
0BFH
SCONF
0***_***0
WDR
Reserved
ALEI
0D3H
PWMC0
****_*000
PBS
PFS1
PFS0
0D8H
P4
****_1111
P4.3
P4.2
P4.1
P4.1
0DFH
LCDCON 000*_*000
Lout_en
Lcd_en
SEG
LS2
LS1
LS0
0E1H
LCDB0
00H
SEG0
SEG0
SEG0
SEG0
SEG1
SEG1
SEG1
SEG1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM8958A8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM592648 - Bit Micro-controller with 128KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM89T16R1_068-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM89T16R18-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM5964A8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM8954A8-Bits Micro-controller With 16KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM59648 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM8958A_068-Bits Micro-controller With 32KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM59264_068-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM8951A8 - Bit Micro-controller with 4/8KB flash embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl