Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89516C25 Datasheet(PDF) 10 Page - SyncMOS Technologies,Inc

Part # SM89516C25
Description  8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516C25 Datasheet(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM89516C25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89516C25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89516C25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89516C25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89516C25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89516C25 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM89516C25 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM89516C25 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM89516C25 Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SyncMOS Technologies International, Inc.
SM89516
8-Bits Micro-controller
With 64KB flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM89516 08/2006
10
Operating Conditions
Symbol
Description
Min.
Typ.
Max.
Unit.
Remarks
TA
Operating temperature
0
25
70
Ambient temperature under bias
VCC5
Supply voltage
4.5
5.0
5.5
V
For C Version
VCC3
Supply voltage
3
3.3
3.6
V
For L Version
Fosc 25
Oscillator Frequency
3.0
16
16
MHz
For 5V, 3.3V application
Fosc 40
Oscillator Frequency
3.0
25
25
MHz
For 5V, 3.3V application
DC Characteristics
(12MHz, typical operating conditions, valid for SM89516 series)
Symbol
Parameter
Valid
Min.
Max.
Unit
Test Conditions
VIL1
Input Low Voltage
port 0,1,2,3,4,#EA
-0.5
0.8
V
VIL2
Input Low Voltage
RES, XTAL1
0
0.8
V
VIH1
Input High Voltage
port 0,1,2,3,4,#EA
2.0
Vcc+0.5
V
VIH2
Input High Voltage
RES, XTAL1
70%Vcc
Vcc+0.5
V
VOL1
Output Low Voltage
port 0, ALE, #PSEN
0.45
V
IOL=3.2mA
VOL2
Output Low Voltage
port 1,2,3,4
0.45
V
IOL=1.6mA
2.4
V
IOH=-800uA (only for VCC =5V)
VOH1
Output High Voltage
port 0
90%Vcc
V
IOH=-80uA
2.4
V
IOH=-60uA (only for VCC =5 V)
VOH2
Output High Voltage
port 1,2,3,4,ALE,#PSEN
90%Vcc
V
IOH=-10uA
IIL
Logical 0 Input Current
port 1,2,3,4
-75
uA
Vin=0.45V
ITL
Logical Transition Current
port 1,2,3,4
-650
uA
Vin=2.0V
ILI
Input Leakage Current
port 0, #EA
±
10
uA
0.45V<Vin<Vcc
R RES
Reset Pull-down
Resistance
RES
50
300
Kohm
C IO
Pin Capacitance
10
pF
Freq=1MHz, Ta=25 ℃
20
mA
Active mode, 16MHz
6.5
mA
Idle mode, 16MHz
I CC
Power Supply Current
Vdd
50
uA
Power down mode


Similar Part No. - SM89516C25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
More results

Similar Description - SM89516C25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com