Electronic Components Datasheet Search |
|
SN54ALVTH16373 Datasheet(PDF) 8 Page - Texas Instruments |
|
SN54ALVTH16373 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 19 page SN54ALVTH16373, SN74ALVTH16373 2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS SCES067F – JUNE 1996 – REVISED JANUARY 1999 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION VCC = 2.5 V ± 0.2 V VCC/2 VCC/2 VCC/2 VCC/2 VCC/2 VCC/2 VCC/2 VCC/2 VOH VOL th tsu From Output Under Test CL = 30 pF (see Note A) LOAD CIRCUIT S1 Open GND 500 Ω 500 Ω Output Control (low-level enabling) Output Waveform 1 S1 at 2 × VCC (see Note B) Output Waveform 2 S1 at GND (see Note B) tPZL tPZH tPLZ tPHZ 0 V VOL + 0.15 V VOH – 0.15 V 0 V VCC 0 V 0 V tw VCC VCC VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PULSE DURATION VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES Timing Input Data Input Input tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open 2 × VCC GND TEST S1 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns. D. The outputs are measured one at a time with one transition per measurement. 0 V VCC VCC/2 tPHL VCC/2 VCC/2 VCC 0 V VOH VOL Input Output VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES VCC/2 VCC/2 tPLH 2 × VCC VCC Figure 1. Load Circuit and Voltage Waveforms |
Similar Part No. - SN54ALVTH16373_07 |
|
Similar Description - SN54ALVTH16373_07 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |