Electronic Components Datasheet Search |
|
74AHC157 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
74AHC157 Datasheet(HTML) 8 Page - NXP Semiconductors |
8 / 16 page 74AHC_AHCT157_2 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 02 — 9 November 2007 8 of 16 NXP Semiconductors 74AHC157; 74AHCT157 Quad 2-input multiplexer [1] Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V). [2] tpd is the same as tPLH and tPHL. [3] CPD is used to determine the dynamic power dissipation PD (µW). PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts. CPD power dissipation capacitance CL = 50 pF; fi = 1 MHz; VI = GND to VCC [3] 4 outputs switching via S - 31 - - - - - pF 1 outputs switching via I - 13 - - - - - pF For type 74AHCT157 tpd propagation delay nI0, nI1 to nY; see Figure 7 [2] VCC = 4.5 V to 5.5 V CL = 15 pF - 3.2 6.4 1.0 7.5 1.0 8.0 ns CL = 50 pF - 4.6 8.7 1.0 9.8 1.0 11.0 ns S to nY; see Figure 7 VCC = 4.5 V to 5.5 V CL = 15 pF - 3.7 8.6 1.0 10.0 1.0 11.0 ns CL = 50 pF - 5.2 10.4 1.0 12.0 1.0 13.0 ns E to nY; see Figure 8 [2] VCC = 4.5 V to 5.5 V CL = 15 pF - 4.7 8.1 1.0 9.5 1.0 10.5 ns CL = 50 pF - 6.7 10.6 1.0 12.0 1.0 13.5 ns CPD power dissipation capacitance CL = 50 pF; fi = 1 MHz; VI = GND to VCC [3] 4 outputs switching via S - 41 - - - - - pF 1 outputs switching via I - 16 - - - - - pF Table 7. Dynamic characteristics …continued GND = 0 V; For test circuit see Figure 9. Symbol Parameter Conditions 25 °C −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ[1] Max Min Max Min Max |
Similar Part No. - 74AHC157 |
|
Similar Description - 74AHC157 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |