Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL032N90FAI020 Datasheet(PDF) 10 Page - SPANSION

Part # S29GL032N90FAI020
Description  64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032N90FAI020 Datasheet(HTML) 10 Page - SPANSION

Back Button S29GL032N90FAI020 Datasheet HTML 6Page - SPANSION S29GL032N90FAI020 Datasheet HTML 7Page - SPANSION S29GL032N90FAI020 Datasheet HTML 8Page - SPANSION S29GL032N90FAI020 Datasheet HTML 9Page - SPANSION S29GL032N90FAI020 Datasheet HTML 10Page - SPANSION S29GL032N90FAI020 Datasheet HTML 11Page - SPANSION S29GL032N90FAI020 Datasheet HTML 12Page - SPANSION S29GL032N90FAI020 Datasheet HTML 13Page - SPANSION S29GL032N90FAI020 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
10
S29GL-N MirrorBit® Flash Family
S29GL-N_01_09 November 16, 2007
Da ta
Sh e e t
3.
Connection Diagrams
Special Package Handling Instructions
Special handling is required for Flash Memory products in molded packages (TSOP and BGA). The package
and/or data integrity may be compromised if the package body is exposed to temperatures above 150°C for
prolonged periods of time.
Figure 3.1 48-Pin Standard TSOP
Figure 3.2 56-Pin Standard TSOP
1
16
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
9
10
11
12
13
14
15
48
33
47
46
45
44
43
42
41
40
39
38
37
36
35
34
25
32
31
30
29
28
27
26
A15
A18
A14
A13
A12
A11
A10
A9
A8
A19
A20
WE#
RESET#
A21
WP#/ACC
RY/BY#
A1
A17
A7
A6
A5
A4
A3
A2
A15
A18
A14
A13
A12
A11
A10
A9
A8
A21
A20
WE#
RESET#
ACC
WP#
A19
A1
A17
A7
A6
A5
A4
A3
A2
A16
DQ2
BYTE#
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ9
DQ1
DQ8
DQ0
OE#
VSS
CE#
A0
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
A16
DQ2
VIO
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ9
DQ1
DQ8
DQ0
OE#
VSS
CE#
A0
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
S29GL064N, S29GL032N (Models 03, 04 only)
S29GL064N (Models 06, 07, V6, V7 only)
NC on S29GL032N
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
NC
NC
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
WE#
RESET#
A21
WP#/ACC
RY/BY#
A18
A17
A7
A6
A5
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
NC
NC
A16
BYTE#
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
23
24
25
26
27
28
A4
A3
A2
A1
NC
NC
34
33
32
31
30
29
OE#
VSS
CE#
A0
NC
VIO
NC on S29GL032N
S29GL064N, S29GL032N
(Models 01, 02, V1, V2 only)


Similar Part No. - S29GL032N90FAI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL032A SPANSION-S29GL032A Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
S29GL032A SPANSION-S29GL032A Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI010 SPANSION-S29GL032A100BAI010 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI012 SPANSION-S29GL032A100BAI012 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI013 SPANSION-S29GL032A100BAI013 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results

Similar Description - S29GL032N90FAI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com