Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT86D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AHCT86D
Description  Quad 2-input EXCLUSIVE-OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT86D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AHCT86D Datasheet HTML 5Page - NXP Semiconductors 74AHCT86D Datasheet HTML 6Page - NXP Semiconductors 74AHCT86D Datasheet HTML 7Page - NXP Semiconductors 74AHCT86D Datasheet HTML 8Page - NXP Semiconductors 74AHCT86D Datasheet HTML 9Page - NXP Semiconductors 74AHCT86D Datasheet HTML 10Page - NXP Semiconductors 74AHCT86D Datasheet HTML 11Page - NXP Semiconductors 74AHCT86D Datasheet HTML 12Page - NXP Semiconductors 74AHCT86D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
74AHC_AHCT86_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 15 November 2007
9 of 14
NXP Semiconductors
74AHC86; 74AHCT86
Quad 2-input EXCLUSIVE-OR gate
12. Package outline
Fig 8.
Package outline SOT108-1 (SO14)
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
8.75
8.55
4.0
3.8
1.27
6.2
5.8
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.0
0.4
SOT108-1
X
w M
θ
A
A1
A2
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
7
8
1
14
y
076E06
MS-012
pin 1 index
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.35
0.34
0.16
0.15
0.05
1.05
0.041
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.25
0.01
0.004
0.039
0.016
99-12-27
03-02-19
0
2.5
5 mm
scale
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1


Similar Part No. - 74AHCT86D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT86D PHILIPS-74AHCT86D Datasheet
75Kb / 16P
   Quad 2-input EXCLUSIVE-OR gate
1999 Sep 17
logo
Nexperia B.V. All right...
74AHCT86D NEXPERIA-74AHCT86D Datasheet
235Kb / 14P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 5 June 2020
74AHCT86D-Q100 NEXPERIA-74AHCT86D-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74AHCT86D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com