Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT541D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AHCT541D
Description  Octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT541D Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHCT541D Datasheet HTML 1Page - NXP Semiconductors 74AHCT541D Datasheet HTML 2Page - NXP Semiconductors 74AHCT541D Datasheet HTML 3Page - NXP Semiconductors 74AHCT541D Datasheet HTML 4Page - NXP Semiconductors 74AHCT541D Datasheet HTML 5Page - NXP Semiconductors 74AHCT541D Datasheet HTML 6Page - NXP Semiconductors 74AHCT541D Datasheet HTML 7Page - NXP Semiconductors 74AHCT541D Datasheet HTML 8Page - NXP Semiconductors 74AHCT541D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74AHC_AHCT541_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2007
4 of 16
NXP Semiconductors
74AHC541; 74AHCT541
Octal buffer/line driver; 3-state
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
Ptot derates linearly with 8 mW/K above 70 °C.
[3]
Ptot derates linearly with 5.5 mW/K above 60 °C.
[4]
Ptot derates linearly with 4.5 mW/K above 60 °C.
Table 3.
Functional table[1]
Control
Input
Output
OE0
OE1
An
Yn
LL
L
L
LL
H
H
XH
X
Z
HX
X
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
[1]
−20
-
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
VO = −0.5 V to (VCC + 0.5 V)
-
±25
mA
ICC
supply current
-
75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
SO20 package
[2] -
500
mW
TSSOP20 package
[3] -
500
mW
DHVQFN20 package
[4] -
500
mW


Similar Part No. - 74AHCT541D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT541D PHILIPS-74AHCT541D Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
logo
Nexperia B.V. All right...
74AHCT541D NEXPERIA-74AHCT541D Datasheet
247Kb / 15P
   Octal buffer/line driver; 3-state
Rev. 4 - 14 April 2020
74AHCT541D-Q100 NEXPERIA-74AHCT541D-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results

Similar Description - 74AHCT541D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com