Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT541D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHCT541D
Description  Octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT541D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT541D Datasheet HTML 4Page - NXP Semiconductors 74AHCT541D Datasheet HTML 5Page - NXP Semiconductors 74AHCT541D Datasheet HTML 6Page - NXP Semiconductors 74AHCT541D Datasheet HTML 7Page - NXP Semiconductors 74AHCT541D Datasheet HTML 8Page - NXP Semiconductors 74AHCT541D Datasheet HTML 9Page - NXP Semiconductors 74AHCT541D Datasheet HTML 10Page - NXP Semiconductors 74AHCT541D Datasheet HTML 11Page - NXP Semiconductors 74AHCT541D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74AHC_AHCT541_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2007
8 of 16
NXP Semiconductors
74AHC541; 74AHCT541
Octal buffer/line driver; 3-state
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
For type 74AHCT541
tpd
propagation
delay
An to Yn; see Figure 5
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.5
5.5
1.0
6.5
1.0
7.0
ns
CL = 50 pF
-
5.0
8.5
1.0
9.5
1.0
11.0
ns
ten
enable time
OEn to Yn; see Figure 6
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.0
7.0
1.0
8.0
1.0
9.0
ns
CL = 50 pF
-
5.5
10.0
1.0
12.0
1.0
12.5
ns
tdis
disable time
OEn to Yn; see Figure 6
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
5.0
7.0
1.0
8.0
1.0
9.0
ns
CL = 50 pF
-
7.0
10.0
1.0
12.0
1.0
12.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL =50pF;f=1 MHz;
VI = GND to VCC
[3]
-12
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V. For test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max


Similar Part No. - 74AHCT541D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT541D PHILIPS-74AHCT541D Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
logo
Nexperia B.V. All right...
74AHCT541D NEXPERIA-74AHCT541D Datasheet
247Kb / 15P
   Octal buffer/line driver; 3-state
Rev. 4 - 14 April 2020
74AHCT541D-Q100 NEXPERIA-74AHCT541D-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results

Similar Description - 74AHCT541D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com