Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC541 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVC541
Description  Octal buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC541 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC541 Datasheet HTML 3Page - NXP Semiconductors 74ALVC541 Datasheet HTML 4Page - NXP Semiconductors 74ALVC541 Datasheet HTML 5Page - NXP Semiconductors 74ALVC541 Datasheet HTML 6Page - NXP Semiconductors 74ALVC541 Datasheet HTML 7Page - NXP Semiconductors 74ALVC541 Datasheet HTML 8Page - NXP Semiconductors 74ALVC541 Datasheet HTML 9Page - NXP Semiconductors 74ALVC541 Datasheet HTML 10Page - NXP Semiconductors 74ALVC541 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74ALVC541_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 5 November 2007
7 of 15
NXP Semiconductors
74ALVC541
Octal buffer/line driver; 3-state
[1]
All typical values are measured at Tamb = 25 °C and VCC = 1.8 V, 2.5 V, 2.7 V and 3.3 V.
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
11. Waveforms
CPD
power
dissipation
capacitance
per buffer; VI = GND to VCC; VCC = 3.3 V
[3]
outputs enabled
-
25
-
pF
outputs disabled
-
0
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol
Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 5.
Propagation delay input (An) to output (Yn)
mna901
An input
Yn output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL


Similar Part No. - 74ALVC541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC541 PHILIPS-74ALVC541 Datasheet
83Kb / 16P
   Octal buffer/line driver; 3-state
2002 Feb 26
logo
Nexperia B.V. All right...
74ALVC541 NEXPERIA-74ALVC541 Datasheet
248Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 5 - 30 April 2021
74ALVC541-Q100 NEXPERIA-74ALVC541-Q100 Datasheet
745Kb / 16P
   Octal buffer/line driver 3-state
74ALVC541BQ NEXPERIA-74ALVC541BQ Datasheet
248Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 5 - 30 April 2021
74ALVC541BQ-Q100 NEXPERIA-74ALVC541BQ-Q100 Datasheet
745Kb / 16P
   Octal buffer/line driver 3-state
More results

Similar Description - 74ALVC541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com