Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1181LE+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1181LE+
Description  20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1181LE+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1181LE+ Datasheet HTML 1Page - Maxim Integrated Products DS1181LE+ Datasheet HTML 2Page - Maxim Integrated Products DS1181LE+ Datasheet HTML 3Page - Maxim Integrated Products DS1181LE+ Datasheet HTML 4Page - Maxim Integrated Products DS1181LE+ Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
20MHz to 134MHz Spread-Spectrum
Clock Modulator for LCD Panels
Spread-Spectrum Enable
On power-up, the output clock (SSO) remains three-stat-
ed until the internal PLL reaches a stable frequency. The
SSEN input can be used to disable the spread-spec-
trum modulation and to three-state the SSO output. If the
SSEN pin is pulled high, the spread-spectrum modula-
tion is turned off, but the device still uses the internal
PLL to generate the clock signal at SSO. If the SSEN pin
is floated, the output is three-stated.
Application Information
Power-Supply Decoupling
To achieve best results, it is highly recommended that a
decoupling capacitor is used on the IC power-supply
pins. Typical values of decoupling capacitors are 0.01µF
and 0.1µF. Use a high-quality, ceramic, surface-mount
capacitor, and mount it as close as possible to the VCC
and GND pins of the IC to minimize lead inductance.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 5
© 2007 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
fIN + (0.5%, 1.0%, 1.5%, OR 2.0% OF fIN)
fIN
fIN - (0.5%, 1.0%, 1.5%, OR 2.0% OF fIN)
fSSO
TIME
1
DITHER CYCLE
RATE
DITHER AMOUNT
(
±0.5%, ±1.0%, ±1.5%, OR ±2.0%)
CLKIN RANGE (MHz)
DITHER RATE
20 TO 134
fIN/832
IF SSEN = 1
Figure 1. DS1181L Spread-Spectrum Frequency Modulation
CLKIN
SMSEL1
SMSEL2
GND
CRSEL
VCC
DECOUPLING
CAPACITOR
VCC
SSO
fIN = 20MHz TO
134MHz
NOTE: IN THE ABOVE CONFIGURATION WITH SMSEL1, SMSEL2, AND SSEN CONNECTED TO GND AS WELL AS
CRSEL CONNECTED TO VCC, THE DEVICE IS CONFIGURED WITH A SPREAD-SPECTRUM MAGNITUDE OF
±2.0%,
AND ALLOWS A CLKIN BETWEEN 20MHz and 38MHz.
fSSO
DITHERED
SSEN
DS1181L
Typical Operating Circuit
Package Information
(For the latest package outline information, go to
www.maxim-ic.com/DallasPackInfo.)
PACKAGE TYPE
DOCUMENT NO.
8 TSSOP
56-G2021-000


Similar Part No. - DS1181LE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1181LE++ MAXIM-DS1181LE+ Datasheet
543Kb / 6P
   20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
19-7502; Rev 2; 2/15
DS1181LE+T MAXIM-DS1181LE+T Datasheet
543Kb / 6P
   20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
19-7502; Rev 2; 2/15
More results

Similar Description - DS1181LE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1181L MAXIM-DS1181L_V01 Datasheet
543Kb / 6P
   20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
19-7502; Rev 2; 2/15
DS1081L MAXIM-DS1081L Datasheet
174Kb / 5P
   20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
Rev 0; 4/07
DS1081L MAXIM-DS1081L_V01 Datasheet
172Kb / 6P
   20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
19-6013; Rev 1; 10/11
DS1083L MAXIM-DS1083L Datasheet
161Kb / 5P
   16MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
Rev 0; 5/07
logo
Renesas Technology Corp
RD151TS3313ARP RENESAS-RD151TS3313ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
HD151TS303RP RENESAS-HD151TS303RP Datasheet
183Kb / 9P
   Spread Spectrum Clock for EMI Solution
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com