Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1631A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1631A
Description  High-Precision Digital Thermometer and Thermostat
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1631A Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1631A Datasheet HTML 1Page - Maxim Integrated Products DS1631A Datasheet HTML 2Page - Maxim Integrated Products DS1631A Datasheet HTML 3Page - Maxim Integrated Products DS1631A Datasheet HTML 4Page - Maxim Integrated Products DS1631A Datasheet HTML 5Page - Maxim Integrated Products DS1631A Datasheet HTML 6Page - Maxim Integrated Products DS1631A Datasheet HTML 7Page - Maxim Integrated Products DS1631A Datasheet HTML 8Page - Maxim Integrated Products DS1631A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS1631/DS1631A/DS1731
5 of 15
AC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V; TA = -55°C to +125°C.)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
9-bit resolution
93.75
10-bit
resolution
187.5
11-bit
resolution
375
Temperature
Conversion Time
tTC
12-bit
resolution
750
ms
SCL Frequency
fSCL
0
400
kHz
Bus Free Time
Between a STOP and
START Condition
tBUF
1.3
µs
5
START and Repeated
START Hold Time
from Falling SCL
tHD:STA
0.6
µs
5, 6
Low Period of SCL
tLOW
1.3
µs
5
High Period of SCL
tHIGH
0.6
µs
5
Repeated START
Condition Setup Time
to Rising SCL
tSU:STA
0.6
µs
5
Data-Out Hold Time
from Falling SCL
tHD:DAT
0
0.9
µs
5
Data-In Setup Time to
Rising SCL
tSU:DAT
100
ns
5
Rise Time of SDA and
SCL
tR
20 + 0.1CB
1000
ns
5, 7
Fall Time of SDA and
SCL
tF
20 + 0.1CB
300
ns
5, 7
STOP Setup Time to
Rising SCL
tSU:STO
0.6
µs
5
Capacitive Load for
Each Bus Line
CB
400
pF
I/O Capacitance
CI/O
10
pF
Input Capacitance
CI
5
pF
Spike Pulse Width that
can be Suppressed by
Input Filter
tSP
0
50
ns
NOTES:
1) All voltages are referenced to GND.
2) See Figure 2 for Typical Operating Curves.
3) Specified with TOUT pin open; A0, A1, A2 = 0V or VDD; and fSCL ≥ 2Hz.
4) Specified with temperature conversions stopped; TOUT pin open; SDA = VDD; SCL = VDD; and A0, A1,
A2 = 0V or VDD.
5) See Timing Diagram in Figure 3. All timing is referenced to 0.9 x VDD and 0.1 x VDD.
6) After this period the first clock pulse is generated.
7) For example, if CB = 300pF, then tR[min] = tF[min] = 50ns.


Similar Part No. - DS1631A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1631A DALLAS-DS1631A Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
DS1631AU DALLAS-DS1631AU Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
DS1631AU/TR DALLAS-DS1631AU/TR Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
More results

Similar Description - DS1631A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com