Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1631U+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1631U+
Description  High-Precision Digital Thermometer and Thermostat
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1631U+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1631U+ Datasheet HTML 4Page - Maxim Integrated Products DS1631U+ Datasheet HTML 5Page - Maxim Integrated Products DS1631U+ Datasheet HTML 6Page - Maxim Integrated Products DS1631U+ Datasheet HTML 7Page - Maxim Integrated Products DS1631U+ Datasheet HTML 8Page - Maxim Integrated Products DS1631U+ Datasheet HTML 9Page - Maxim Integrated Products DS1631U+ Datasheet HTML 10Page - Maxim Integrated Products DS1631U+ Datasheet HTML 11Page - Maxim Integrated Products DS1631U+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DS1631/DS1631A/DS1731
8 of 15
provides user access to the temperature register. Bits 3 through 0 of the temperature register are
hardwired to 0. When the device is configured for 12-bit resolution, the 12 MSbs (bits 15 through 4) of
the temperature register contain temperature data. For 11-bit resolution, the 11 MSbs (bits 15 through 5)
of the temperature register contain data, and bit 4 is 0. Likewise, for 10-bit resolution, the 10 MSbs (bits
15 through 6) contain data, and for 9-bit the 9 MSbs (bits 15 through 7) contain data, and all unused LSbs
contain 0s. Table 4 gives examples of 12-bit resolution output data and the corresponding temperatures.
Figure 4. TEMPERATURE, TH, AND TL REGISTER FORMAT
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
MS Byte
S
2
6
2
5
2
4
2
3
2
2
2
1
2
0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
LS Byte
2
-1
2
-2
2
-3
2
-4
0
0
0
0
Table 4. 12-BIT RESOLUTION TEMPERATURE/DATA RELATIONSHIP
TEMPERATURE
(
°C)
DIGITAL OUTPUT
(BINARY)
DIGITAL OUTPUT
(HEX)
+125
0111 1101 0000 0000
7D00h
+25.0625
0001 1001 0001 0000
1910h
+10.125
0000 1010 0010 0000
0A20h
+0.5
0000 0000 1000 0000
0080h
0
0000 0000 0000 0000
0000h
-0.5
1111 1111 1000 0000
FF80h
-10.125
1111 0101 1110 0000
F5E0h
-25.0625
1110 0110 1111 0000
E6F0h
-55
1100 1001 0000 0000
C900h
OPERATION—THERMOSTAT FUNCTION
The thermostat output (TOUT) is updated after every temperature conversion, based on a comparison
between the measured digital temperature and user-defined upper and lower thermostat trip points. TOUT
remains at the updated value until the next conversion completes. When the measured temperature meets
or exceeds the value stored in the upper trip-point register (TH), TOUT becomes active and remains active
until the measured temperature falls below the value stored in the lower trip-point register (TL) (see
Figure 5). This allows the user to program any amount of hysteresis into the output response. The active
state of TOUT is user-programmable through the polarity bit (POL) in the configuration register.
The user-defined values in the TH and TL registers (see Figure 4) must be in two’s complement format
with the MSb (bit 15) containing the sign bit (S). The TH and TL resolution is determined by the R0 and
R1 bits in the configuration register (see Table 6), so the TH and TL resolution matches the output
temperature resolution. For example, for 10-bit resolution bits 5 through 0 of the TH and TL registers read
out as 0 (even if 1s are written to these bits), and the converted temperature is compared to the 10 MSbs
of TH and TL.
The TH and TL registers are stored in EEPROM; therefore, they are NV and can be programmed prior to
device installation. Writing to and reading from the TH and TL registers is achieved using the Access TH


Similar Part No. - DS1631U+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1631U DALLAS-DS1631U Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
DS1631U/TR DALLAS-DS1631U/TR Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
More results

Similar Description - DS1631U+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com