Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT169D-L Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BT169D-L
Description  Thyristor, logic level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT169D-L Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BT169D-L Datasheet HTML 2Page - NXP Semiconductors BT169D-L Datasheet HTML 3Page - NXP Semiconductors BT169D-L Datasheet HTML 4Page - NXP Semiconductors BT169D-L Datasheet HTML 5Page - NXP Semiconductors BT169D-L Datasheet HTML 6Page - NXP Semiconductors BT169D-L Datasheet HTML 7Page - NXP Semiconductors BT169D-L Datasheet HTML 8Page - NXP Semiconductors BT169D-L Datasheet HTML 9Page - NXP Semiconductors BT169D-L Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BT169D-L_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 12 November 2007
6 of 12
NXP Semiconductors
BT169D-L
Thyristor, logic level
6.
Characteristics
Table 5.
Characteristics
Tj = 25 °C unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IGT
gate trigger current
VD = 12 V; IT =10mA;
gate open circuit; see Figure 8
--50
µA
IL
latching current
VD = 12 V; IGT = 0.5 mA; RGK =1kΩ;
see Figure 10
-
26mA
IH
holding current
VD = 12 V; IGT = 0.5 mA; RGK =1kΩ;
see Figure 11
-
25mA
VT
on-state voltage
IT = 1.2 A
-
1.25
1.7
V
VGT
gate trigger voltage
IT = 10 mA; gate open circuit;
see Figure 7
VD = 12 V
-
0.5
0.8
V
VD =VDRM(max); Tj = 125 °C
0.2
0.3
-
V
ID
off-state current
VD =VDRM(max); Tj = 125 °C;
RGK =1kΩ
-
0.05
0.1
mA
Dynamic characteristics
dVD/dt
rate of rise of off-state
voltage
VDM = 0.67 × VDRM(max); Tj = 125 °C;
exponential waveform; see Figure 12
RGK =1kΩ
500
800
-
V/
µs
gate open circuit
-
25
-
V/
µs
tgt
gate-controlled turn-on
time
ITM = 2 A; VD =VDRM(max);IG = 10 mA;
dIG/dt = 0.1 A/µs
-2
-
µs
tq
commutated turn-off
time
VDM = 0.67 × VDRM(max); Tj = 125 °C;
ITM = 1.6 A; VR =35V;
(dIT/dt)M =30A/µs; dVD/dt = 2 V/µs;
RGK =1kΩ
-
100
-
µs


Similar Part No. - BT169D-L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT169D-L NXP-BT169D-L Datasheet
76Kb / 12P
   Thyristor logic level
Rev. 02-26 February 2008
logo
WeEn Semiconductors
BT169D-L WEEN-BT169D-L Datasheet
262Kb / 12P
   SCR
logo
NXP Semiconductors
BT169D-L NXP-BT169D-L_08 Datasheet
76Kb / 12P
   Thyristor logic level
Rev. 02-26 February 2008
More results

Similar Description - BT169D-L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT169W PHILIPS-BT169W Datasheet
52Kb / 7P
   Thyristor logic level
September 1997 Rev 1.200
logo
WeEn Semiconductors
BT258U-600R WEEN-BT258U-600R Datasheet
235Kb / 12P
   Logic level thyristor
BT258S-800R WEEN-BT258S-800R Datasheet
269Kb / 12P
   Logic level thyristor
logo
NXP Semiconductors
BT169D-L NXP-BT169D-L_08 Datasheet
76Kb / 12P
   Thyristor logic level
Rev. 02-26 February 2008
logo
WeEn Semiconductors
BT258-800R WEEN-BT258-800R Datasheet
203Kb / 12P
   Logic level thyristor
BT258-600R WEEN-BT258-600R Datasheet
204Kb / 12P
   Logic level thyristor
BT258-500R WEEN-BT258-500R Datasheet
204Kb / 12P
   Logic level thyristor
logo
NXP Semiconductors
BT169H NXP-BT169H Datasheet
75Kb / 11P
   Thyristor, logic level, high voltage
Rev. 01-31 March 2008
logo
Shenzhen Winsemi Microe...
STN1A60 WINSEMI-STN1A60 Datasheet
353Kb / 5P
   Logic Level Bi-Directional Triode Thyristor
STN1A60S WINSEMI-STN1A60S Datasheet
368Kb / 5P
   Logic Level Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com