Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1841T+TR Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1841T+TR
Description  Temperature-Controlled, NV, I2C, Logarithmic Resistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1841T+TR Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1841T+TR Datasheet HTML 1Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 2Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 3Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 4Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 5Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 6Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 7Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 8Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Temperature-Controlled, NV, I2C,
Logarithmic Resistor
Rev 0; 11/07
________________________________________________________________
Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The DS1841 is a 7-bit, logarithmic, nonvolatile (NV) digi-
tal resistor that features an on-chip temperature sensor
and associated analog-to-digital converter (ADC). The
integrated temperature sensor indexes a 72-byte NV
lookup table (LUT) encompassing a temperature range
from -40°C to +100°C. The LUT output can drive the
resistor directly or be added to an NV initial-value regis-
ter (IVR) to drive the resistor. This flexible LUT-based
architecture allows the DS1841 to provide a tempera-
ture-compensated resistor output with arbitrary slope.
Programming is accomplished by an I2C-compatible
interface, which can operate at speeds of up to 400kHz.
Applications
Optical Transceivers
Linear and Nonlinear Compensation
Instrumentation and Industrial Controls
Mechanical Potentiometer Replacement
Features
♦ 22kΩ to 3.7kΩ Adjustable Logarithmic Resistor
with a 3.6k
Ω Fixed Resistor
♦ 128 Wiper Tap Points
♦ On-Chip Temperature Sensor and ADC
♦ 72-Byte Lookup Table (LUT)
♦ I2C-Compatible Serial Interface
♦ Address Pins Allow Up to Four DS1841s to Share
the Same I2C Bus
♦ Digital Supply of 2.7V to 5.5V
♦ -40°C to +100°C Operating Range
♦ 3mm x 3mm, 10-Pin TDFN Package
13
4
10
8
7
SCL
RH
RW
SDA
*EP
*EXPOSED PAD
VCC
A1
2
9
N.C.
GND
5
6
RGND
A0
TDFN
3.0mm
× 3.0mm × 0.8mm
TOP VIEW
DS1841
Pin Configuration
Ordering Information
0.1
μF
3.3V
APD BIAS CONTROL APPLICATION
VCC
VOUT
FB
SDA
SCL
A1
A0
GND
100pF
RW
RGND
RH
VAPD
4.7k
Ω
4.7k
Ω
DC-DC
CONVERTER
DS1841
Typical Operating Circuit
+
Denotes a lead-free package.
T&R = Tape and reel.
Registers and Modes are capitalized for clarity.
PART
TEMP RANGE
PIN-PACKAGE
DS1841T+
-40°C to +100°C
10 TDFN
DS1841T+T&R
-40°C to +100°C
10 TDFN


Similar Part No. - DS1841T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842 MAXIM-DS1842 Datasheet
216Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842AN++ MAXIM-DS1842AN+ Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842AN+TR MAXIM-DS1842AN+TR Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
More results

Similar Description - DS1841T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1847 MAXIM-DS1847 Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
logo
Dallas Semiconductor
DS1847 DALLAS-DS1847 Datasheet
239Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
DS1848 DALLAS-DS1848 Datasheet
234Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
logo
Maxim Integrated Produc...
DS1848 MAXIM-DS1848 Datasheet
264Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
011806
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
   NV, I2C, Stepper Potentiometer
Rev 0; 11/08
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
   NV, I2C, Stepper Potentiometer
Rev 1; 3/09
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
logo
Intersil Corporation
X9C303 INTERSIL-X9C303_09 Datasheet
258Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com