Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA201-600E Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BTA201-600E
Description  1 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA201-600E Datasheet(HTML) 4 Page - NXP Semiconductors

  BTA201-600E Datasheet HTML 1Page - NXP Semiconductors BTA201-600E Datasheet HTML 2Page - NXP Semiconductors BTA201-600E Datasheet HTML 3Page - NXP Semiconductors BTA201-600E Datasheet HTML 4Page - NXP Semiconductors BTA201-600E Datasheet HTML 5Page - NXP Semiconductors BTA201-600E Datasheet HTML 6Page - NXP Semiconductors BTA201-600E Datasheet HTML 7Page - NXP Semiconductors BTA201-600E Datasheet HTML 8Page - NXP Semiconductors BTA201-600E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BTA201_SER_B_E_ER_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
4 of 12
NXP Semiconductors
BTA201 series B, E and ER
1 A Three-quadrant triacs high commutation
tp ≤ 20 ms
(1) dIT/dt limit
Fig 3.
Non-repetitive peak on-state current as a function of pulse width; maximum values
f = 50 Hz; Tlead ≤ 54.3 °C
Fig 4.
RMS on-state current as a function of surge
duration; maximum values
Fig 5.
RMS on-state current as a function of lead
temperature; maximum values
001aag958
tp (s)
10−5
10−1
10−2
10−4
10−3
102
103
ITSM
(A)
10
(1)
ITSM
t
IT
Tj(init) = 25 °C max
T
001aag961
1
2
3
IT(RMS)
(A)
0
surge duration (s)
10−2
10
1
10−1
Tlead (°C)
−50
150
100
050
001aag960
IT(RMS)
(A)
0.4
0.8
1.2
0.2
0.6
1.0
0
54.3
°C


Similar Part No. - BTA201-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA201-600E PHILIPS-BTA201-600E Datasheet
72Kb / 12P
   Triacs logic level
Rev. 02-13 January 2006
BTA201-600E NXP-BTA201-600E Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
logo
WeEn Semiconductors
BTA201-600E WEEN-BTA201-600E Datasheet
267Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA201-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA201W NXP-BTA201W Datasheet
80Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 02-17 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com