Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA201-800E Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BTA201-800E
Description  1 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA201-800E Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BTA201-800E Datasheet HTML 3Page - NXP Semiconductors BTA201-800E Datasheet HTML 4Page - NXP Semiconductors BTA201-800E Datasheet HTML 5Page - NXP Semiconductors BTA201-800E Datasheet HTML 6Page - NXP Semiconductors BTA201-800E Datasheet HTML 7Page - NXP Semiconductors BTA201-800E Datasheet HTML 8Page - NXP Semiconductors BTA201-800E Datasheet HTML 9Page - NXP Semiconductors BTA201-800E Datasheet HTML 10Page - NXP Semiconductors BTA201-800E Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BTA201_SER_B_E_ER_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
7 of 12
NXP Semiconductors
BTA201 series B, E and ER
1 A Three-quadrant triacs high commutation
7.
Dynamic characteristics
Table 6.
Dynamic characteristics
Symbol
Parameter
Conditions
BTA201-600B
BTA201-800B
BTA201-600E
BTA201-800E
BTA201-800ER
Unit
Min
Typ
Max
Min
Typ
Max
dVD/dt
rate of rise of
off-state voltage
VDM =67% VDRM(max);
Tj = 125 °C; exponential
waveform; gate open
circuit
1000
-
-
600
-
-
V/
µs
dIcom/dt
rate of change of
commutating
current
VDM = 400 V; Tj = 125 °C;
dVcom/dt=20V/µs; gate
open circuit
12
-
-
2.5
-
-
A/ms
VDM = 400 V; Tj = 125 °C;
dVcom/dt=10V/µs; gate
open circuit
16
-
-
3.5
-
-
A/ms
tgt
gate-controlled
turn-on time
ITM =20A;
VD =VDRM(max);
IG = 0.1 A;
dIG/dt = 5 A/µs
-2
--
2
-
µs
(1) T2
− G−
(2) T2+ G
(3) T2+ G+
Fig 7.
Normalized gate trigger voltage as a function of
junction temperature
Fig 8.
Normalized gate trigger current as a function of
junction temperature
Tj (°C)
−50
150
100
050
001aab101
0.8
1.2
1.6
0.4
VGT
VGT(25°C)
IGT
IGT(25°C)
Tj (°C)
−50
0
150
100
50
1
2
3
0
003aaa959
(1)
(2)
(3)
(1)
(2)
(3)


Similar Part No. - BTA201-800E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA201-800E PHILIPS-BTA201-800E Datasheet
72Kb / 12P
   Triacs logic level
Rev. 02-13 January 2006
BTA201-800E NXP-BTA201-800E Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
logo
WeEn Semiconductors
BTA201-800E WEEN-BTA201-800E Datasheet
267Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA201-800ER PHILIPS-BTA201-800ER Datasheet
72Kb / 12P
   Triacs logic level
Rev. 02-13 January 2006
BTA201-800ER NXP-BTA201-800ER Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
More results

Similar Description - BTA201-800E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA201W NXP-BTA201W Datasheet
80Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 02-17 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com