Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA201W-600E Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BTA201W-600E
Description  1 A Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA201W-600E Datasheet(HTML) 5 Page - NXP Semiconductors

  BTA201W-600E Datasheet HTML 1Page - NXP Semiconductors BTA201W-600E Datasheet HTML 2Page - NXP Semiconductors BTA201W-600E Datasheet HTML 3Page - NXP Semiconductors BTA201W-600E Datasheet HTML 4Page - NXP Semiconductors BTA201W-600E Datasheet HTML 5Page - NXP Semiconductors BTA201W-600E Datasheet HTML 6Page - NXP Semiconductors BTA201W-600E Datasheet HTML 7Page - NXP Semiconductors BTA201W-600E Datasheet HTML 8Page - NXP Semiconductors BTA201W-600E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BTA201W_SER_E_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 17 September 2007
5 of 13
NXP Semiconductors
BTA201W series E
1 A Three-quadrant triacs high commutation
5.
Thermal characteristics
[1]
Mounted on a printed-circuit board.
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-sp)
thermal resistance from
junction to solder point
see Figure 6
--15
K/W
Rth(j-a)
thermal resistance from
junction to ambient
minimum footprint; see Figure 14
[1] -
156
-
K/W
for pad area; see Figure 15
[1] -
70
-
K/W
(1) Unidirectional
(2) Bidirectional
Fig 6.
Transient thermal impedance from junction to solder point as a function of pulse width
001aag969
1
10−1
10
102
Zth(j-sp)
(K/W)
10−2
tp (s)
10−5
110
10−1
10−2
10−4
10−3
(2)
(1)
tp
P
t


Similar Part No. - BTA201W-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA201W-600E NXP-BTA201W-600E Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
logo
WeEn Semiconductors
BTA201W-600E WEEN-BTA201W-600E Datasheet
225Kb / 16P
   3Q Hi-Com Triac
More results

Similar Description - BTA201W-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com