Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1923-F5 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1923-F5
Description  Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1923-F5 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1923-F5 Datasheet HTML 1Page - Dallas Semiconductor DS1923-F5 Datasheet HTML 2Page - Dallas Semiconductor DS1923-F5 Datasheet HTML 3Page - Dallas Semiconductor DS1923-F5 Datasheet HTML 4Page - Dallas Semiconductor DS1923-F5 Datasheet HTML 5Page - Dallas Semiconductor DS1923-F5 Datasheet HTML 6Page - Dallas Semiconductor DS1923-F5 Datasheet HTML 7Page - Dallas Semiconductor DS1923-F5 Datasheet HTML 8Page - Dallas Semiconductor DS1923-F5 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
DS1923: Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
4 of 53
Note 17:
For software corrected accuracy, assume correction using calibration coefficients with calibration equations for error
compensation.
Note 18:
Software correction for humidity and temperature is handled automatically using the 1-Wire Viewer Software package available
at: http://www.ibutton.com.
Note 19:
WARNING: Not for use as the sole method of measuring or tracking temperature and/or humidity in products and articles that
could affect the health or safety of persons, plants, animals, or other living organisms, including but not limited to foods,
beverages, pharmaceuticals, medications, blood and blood products, organs, flammable, and combustible products. User shall
assure that redundant (or other primary) methods of testing and determining the handling methods, quality, and fitness of the
articles and products should be implemented. Temperature and/or humidity tracking with this product, where the health or safety
of the aforementioned persons or things could be adversely affected, is only recommended when supplemental or redundant
information sources are used. Data logger products are 100% tested and calibrated at time of manufacture by Dallas
Semiconductor/Maxim to ensure that they meet all data sheet parameters, including temperature accuracy. User shall be
responsible for proper use and storage of this product. As with any sensor-based product, user shall also be responsible for
occasionally rechecking the temperature accuracy of the product to ensure it is still operating properly.
Note 20:
Response time is determined by measuring the 1/e point as the device transitions from 40 to 90%RH or 90 to 40%RH, whichever
is slower. Test was performed at 5L/min airflow.
Note 21:
All DS1923 humidity measurements are 12-bit readings. Missioning determines 8-bit or 16-bit data logging. Battery lifetime is the
same no matter what RH resolution is logged.
Note 22:
Reliability studies have shown that the device survives a minimum of 1000 cycles of condensation and drying, but this product is
not guaranteed for extended use in condensing environments.
Note 23:
Software corrected accuracy is accomplished using the method detailed in the Software Correction Algorithm for Temperature
section of this data sheet.
Note 24:
Every DS1923 Device is measured and calibrated in a controlled, NIST-traceable RH environment.
Note 25:
Higher accuracy versions may be available. Contact the factory for details.
Note 26:
If this device is exposed to a high humidity environment (>70%RH), and then exposed to a lower RH environment, the device will
read high for a period of time. The device will typically read within +0.5%RH at 20%RH, 30 minutes after being exposed to
continuous 80%RH for 30 minutes.
Note 27:
All capacitive RH sensors can change their reading depending upon how long they have spent at high (>70%RH) or low RH
(<20%RH). This effect is called saturation drift and can be compensated through software, as described in the Software
Saturation Drift Compensation section of this data sheet.
Note 28:
Individual RH readings always include a noise component (repeatability). To minimize measurement error, average as many
samples as is reasonable.
Note 29:
Like all relative humidity sensors, when exposed to contaminants and/or conditions toward the limits of the safe operating range,
accuracy degradation can result (see Safe Operating Range chart). For maximum long-term stability, the sensor should not be
exposed or subjected to organic solvents, corrosive agents (strong acids, SO2, H2SO4, CI2 ,HCL, H2S, etc.) and strong bases
(compounds with PH greater than 7). Dust settling on the filter surface does not affect the sensor performance except to possibly
decrease the speed of response.
For more information on the RH sensor’s tolerance to chemicals visit:
http://content.honeywell.com/sensing/prodinfo/humiditymoisture/technical/c15_144.pdf
Note 30:
All humidity specifications are determined at +25°C except where specifically indicated.
Standard Values
DS1923 Values
Parameter
Standard Speed
Overdrive Speed
Standard Speed
Overdrive Speed
Name
Min
Max
Min
Max
Min
Max
Min
Max
tSLOT (incl. tREC)
61µs
(undef.)
7µs
(undef.)
65µs
1)
(undef.)
9.5µs
(undef.)
tRSTL
480µs
(undef.)
48µs
80µs
690µs
720µs
70µs
80µs
tPDH
15µs
60µs
2µs
6µs
15µs
63.5µs
2µs
7µs
tPDL
60µs
240µs
8µs
24µs
60µs
287µs
7µs
28µs
tW0L
60µs
120µs
6µs
16µs
60µs
120µs
7.5µs
12µs
1) Intentional change, longer recovery time requirement due to modified 1-Wire front end.
PHYSICAL SPECIFICATION
Size
See mechanical drawing
Weight
Ca. 5.0 grams
Safety
Meets UL#913 (4
th Edit.); Intrinsically Safe Apparatus,
approval under Entity Concept for use in Class I,
Division 1, Group A, B, C, and D Locations


Similar Part No. - DS1923-F5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1923-F5 DALLAS-DS1923-F5 Datasheet
495Kb / 52P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Maxim Integrated Produc...
DS1923-F5 MAXIM-DS1923-F5 Datasheet
642Kb / 55P
   Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory
Rev 3; 10/09
More results

Similar Description - DS1923-F5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1923 MAXIM-DS1923 Datasheet
642Kb / 55P
   Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory
Rev 3; 10/09
logo
Dallas Semiconductor
DS1923 DALLAS-DS1923 Datasheet
495Kb / 52P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
   Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1922E MAXIM-DS1922E_11 Datasheet
418Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
   Temperature Logger iButton With 8kB Datalog Memory
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L Datasheet
571Kb / 50P
   Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
DS1923 MAXIM-DS1923_11 Datasheet
649Kb / 55P
   Hygrochron Temperature/Humidity Logger
Rev 4; 4/11
DS1925 MAXIM-DS1925 Datasheet
902Kb / 46P
   iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
Rev 4; 6/20
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
   iButton High-Temperature Logger with 8KB Datalog Memory
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com