Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1631A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # 1631A
Description  High-Precision Digital Thermometer and Thermostat
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

1631A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button 1631A Datasheet HTML 7Page - Maxim Integrated Products 1631A Datasheet HTML 8Page - Maxim Integrated Products 1631A Datasheet HTML 9Page - Maxim Integrated Products 1631A Datasheet HTML 10Page - Maxim Integrated Products 1631A Datasheet HTML 11Page - Maxim Integrated Products 1631A Datasheet HTML 12Page - Maxim Integrated Products 1631A Datasheet HTML 13Page - Maxim Integrated Products 1631A Datasheet HTML 14Page - Maxim Integrated Products 1631A Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS1631/DS1631A/DS1731
11 of 15
2-WIRE SERIAL DATA BUS
The DS1631, DS1631A, and DS1731 communicate over a bidirectional 2-wire serial data bus that
consists of a serial clock (SCL) signal and serial data (SDA) signal. The DS1631, DS1631A, and DS1731
interface to the bus through their SCL input pins and open-drain SDA I/O pins.
The following terminology is used to describe 2-wire communication:
Master Device: Microprocessor/microcontroller that controls the slave devices on the bus. The master
device generates the SCL signal and START and STOP conditions.
Slave: All devices on the bus other than the master. The DS1631, DS1631A, and DS1731 always
function as slaves.
Bus Idle or Not Busy: Both SDA and SCL remain high. SDA is held high by a pullup resistor when the
bus is idle, and SCL must either be forced high by the master (if the SCL output is push-pull) or pulled
high by a pullup resistor (if the SCL output is open-drain).
Transmitter: A device (master or slave) that is sending data on the bus.
Receiver: A device (master or slave) that is receiving data from the bus.
START Condition: Signal generated by the master to indicate the beginning of a data transfer on the
bus. The master generates a START condition by pulling SDA from high to low while SCL is high (see
Figure 8). A “repeated” START is sometimes used at the end of a data transfer (instead of a STOP) to
indicate that the master will perform another operation.
STOP Condition: Signal generated by the master to indicate the end of a data transfer on the bus. The
master generates a STOP condition by transitioning SDA from low to high while SCL is high (see Figure
8). After the STOP is issued, the master releases the bus to its idle state.
Acknowledge (ACK): When a device is acting as a receiver, it must generate an acknowledge (ACK) on
the SDA line after receiving every byte of data. The receiving device performs an ACK by pulling the
SDA line low for an entire SCL period (see Figure 8). During the ACK clock cycle, the transmitting
device must release SDA. A variation on the ACK signal is the “not acknowledge” (NACK). When the
master device is acting as a receiver, it uses a NACK instead of an ACK after the last data byte to indicate
that it is finished receiving data. The master indicates a NACK by leaving the SDA line high during the
ACK clock cycle.
Slave Address: Every slave device on the bus has a unique 7-bit address that allows the master to access
that device. The 7-bit bus address is 1 0 0 1 A2 A1 A0, where A2, A1, and A0 are user-selectable through
the corresponding input pins. The three address pins allow up to eight DS1631s, DS1631As, or DS1731s
to be multidropped on the same bus.
Control Byte: The control byte is transmitted by the master and consists of the 7-bit slave address plus a
read/write (R/W
¯¯) bit (see Figure 7). If the master is going to read data from the slave device then R/W
¯¯ =
1, and if the master is going to write data to the slave device then R/W
¯¯ = 0.
Command Byte: The command byte can be any of the command protocols described in the COMMAND
SET section of this data sheet.
Figure 7. CONTROL BYTE
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
1
0
0
1
A2
A1
A0
R/W
¯¯


Similar Part No. - 1631A

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1631 CANDD-1631 Datasheet
248Kb / 2P
   Dual and Quad Data-bus Isolators
logo
RAF ELECTRONIC HARDWARE
1631-440-SS RAF-1631-440-SS Datasheet
67Kb / 1P
   3/16 ROUND FEMALE STANDOFFS
logo
Lumberg
163101 LUMBERG-163101 Datasheet
300Kb / 3P
   Power supply connectors
logo
Adels-Contact
16315305 ADELS-16315305 Datasheet
122Kb / 2P
   AC 166 ALCGS/315 050 white
15/11/2019
16315310 ADELS-16315310 Datasheet
122Kb / 2P
   AC 166 ALCGS/315 100 white
15/11/2019
More results

Similar Description - 1631A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com