Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA416Y-800B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BTA416Y-800B
Description  16 A Three-quadrant triacs, insulated, high commutation, high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA416Y-800B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BTA416Y-800B Datasheet HTML 4Page - NXP Semiconductors BTA416Y-800B Datasheet HTML 5Page - NXP Semiconductors BTA416Y-800B Datasheet HTML 6Page - NXP Semiconductors BTA416Y-800B Datasheet HTML 7Page - NXP Semiconductors BTA416Y-800B Datasheet HTML 8Page - NXP Semiconductors BTA416Y-800B Datasheet HTML 9Page - NXP Semiconductors BTA416Y-800B Datasheet HTML 10Page - NXP Semiconductors BTA416Y-800B Datasheet HTML 11Page - NXP Semiconductors BTA416Y-800B Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
BTA416Y_SER_B_C_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 October 2007
10 of 12
NXP Semiconductors
BTA416Y series B and C
16 A 3-quadrant triacs, insulated, high commutation, high temperature
10. Revision history
Table 8.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BTA416Y_SER_B_C_1
20071003
Product data sheet
-
-


Similar Part No. - BTA416Y-800B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA416Y-800B NXP-BTA416Y-800B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
SiPower Inc.
BTA416Y-800B SIPOWER-BTA416Y-800B Datasheet
1,003Kb / 6P
   16A Triacs
logo
WeEn Semiconductors
BTA416Y-800B WEEN-BTA416Y-800B Datasheet
237Kb / 13P
   3Q Hi-Com Triac
logo
Inchange Semiconductor ...
BTA416Y-800B ISC-BTA416Y-800B Datasheet
274Kb / 3P
   isc Triacs
More results

Similar Description - BTA416Y-800B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316 NXP-BTA316 Datasheet
85Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316X NXP-BTA316X Datasheet
98Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com