Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2788E+TR Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS2788E+TR
Description  Stand-Alone Fuel-Gauge IC with LED Display Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2788E+TR Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS2788E+TR Datasheet HTML 4Page - Maxim Integrated Products DS2788E+TR Datasheet HTML 5Page - Maxim Integrated Products DS2788E+TR Datasheet HTML 6Page - Maxim Integrated Products DS2788E+TR Datasheet HTML 7Page - Maxim Integrated Products DS2788E+TR Datasheet HTML 8Page - Maxim Integrated Products DS2788E+TR Datasheet HTML 9Page - Maxim Integrated Products DS2788E+TR Datasheet HTML 10Page - Maxim Integrated Products DS2788E+TR Datasheet HTML 11Page - Maxim Integrated Products DS2788E+TR Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Temperature Measurement
The DS2788 uses an integrated temperature sensor to
measure battery temperature with a resolution of
0.125°C. Temperature measurements are updated
every 440ms and placed in the Temperature (TEMP)
register in two’s complement form. Figure 4 shows the
format of the Temperature register.
Current Measurement
In the ACTIVE mode of operation, the DS2788 continu-
ally measures the current flow into and out of the bat-
tery by measuring the voltage drop across a low-value
current-sense resistor, RSNS. The voltage-sense range
between SNS and VSS is ±51.2mV. The input linearly
converts peak signal amplitudes up to 102.4mV as long
as the continuous signal level (average over the con-
version cycle period) does not exceed ±51.2mV. The
ADC samples the input differentially at 18.6kHz and
updates the Current (CURRENT) register at the com-
pletion of each conversion cycle.
The Current register is updated every 3.515s with the
current conversion result in two’s complement form.
Charge currents above the maximum register value are
reported at the maximum value (7FFFh = +51.2mV).
Discharge currents below the minimum register value
are reported at the minimum value (8000h = -51.2mV).
Stand-Alone Fuel-Gauge IC with
LED Display Drivers
8
_______________________________________________________________________________________
TEMP
READ ONLY
MSB—ADDRESS 0Ah
LSB—ADDRESS 0Bh
S
29
28
27
26
25
24
23
22
21
20
X
X
X
X
X
MSb
LSb
MSb
LSb
“S”: SIGN BIT(S), “X”: RESERVED
UNITS: 0.125
°C
Figure 4. Temperature Register Format
CURRENT
READ ONLY
MSB—ADDRESS 0Eh
LSB—ADDRESS 0Fh
S
214
213
212
211
210
29
28
27
26
25
24
23
22
21
20
MSb
LSb
MSb
LSb
“S”: SIGN BIT(S)
UNITS: 1.5625μV/RSNS
Figure 5. Current Register Format
CURRENT RESOLUTION (1 LSB)
RSNS
VSS - VSNS
20m
15m
10m
5m
1.5625μV
78.13μA
104.2μA
156.3μA
312.5μA


Similar Part No. - DS2788E+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2788E+TR MAXIM-DS2788E+TR Datasheet
399Kb / 32P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 2; 5/09
More results

Similar Description - DS2788E+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2788 MAXIM-DS2788_09 Datasheet
399Kb / 32P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 2; 5/09
DS2782 MAXIM-DS2782_09 Datasheet
452Kb / 28P
   Stand-Alone Fuel Gauge IC
5/09
DS2782 MAXIM-DS2782 Datasheet
291Kb / 25P
   Stand-Alone Fuel Gauge IC
REV: 042505
DS2786 MAXIM-DS2786_09 Datasheet
317Kb / 22P
   Stand-Alone OCV-Based Fuel Gauge
5/09
MAX17201 MAXIM-MAX17201 Datasheet
4Mb / 115P
   Stand-Alone ModelGauge m5 Fuel Gauge
Rev 2; 8/16
DS2786B MAXIM-DS2786B Datasheet
369Kb / 21P
   Stand-Alone OCV-Based Fuel Gauge
Rev 1; 4/10
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com