Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4106_0710 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS4106_0710
Description  106.25MHz/212.5MHz/425MHz Clock Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4106_0710 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS4106_0710 Datasheet HTML 1Page - Maxim Integrated Products DS4106_0710 Datasheet HTML 2Page - Maxim Integrated Products DS4106_0710 Datasheet HTML 3Page - Maxim Integrated Products DS4106_0710 Datasheet HTML 4Page - Maxim Integrated Products DS4106_0710 Datasheet HTML 5Page - Maxim Integrated Products DS4106_0710 Datasheet HTML 6Page - Maxim Integrated Products DS4106_0710 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
106.25MHz/212.5MHz/425MHz
Clock Oscillators
2
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V, TA = -40°C to +85°C, typical values are at VCC = +3.3V and TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, GND, OE, OUTP, OUTN .....................................-0.3V, +4V
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-40
°C to +125°C
Soldering Temperature Profile
(3 passes max) ...............................See IPC/JEDEC J-STD-020
Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 2)
3.0
3.3
3.6
V
LVPECL (Note 3)
50
65
Supply Current
ICC
LVDS
53
67
mA
TTL Control Input-Voltage High
(OE)
VIH
(Note 2)
2
VCC
V
TTL Control Input-Voltage Low
(OE)
VIL
(Note 2)
0
0.8
V
Input Leakage Current
IIL
GND
OE
VCC
-50
+10
μA
LVPECL OUTPUTS (Note 4)
Output High Voltage
VOH
(Note 2)
VCC - 1.085
VCC - 0.88
V
Output Low Voltage
VOL
(Note 2)
VCC - 1.825
VCC - 1.62
V
Output Leakage Current
(Absolute)
IOL
OE = VIL
100
μA
LVDS OUTPUTS (Figure 2)
LVDS Output High Voltage
VOH
(Note 2)
1.475
V
LVDS Output Low Voltage
VOL
(Note 2)
0.925
V
LVDS Differential Output Voltage
|VOD|
250
400
LVDS Change in VOD for
Complementary States
|VOD|
25
mV
LVDS Offset Output Voltage
(Output Common-Mode Voltage)
VOS
(Note 5)
1.125
1.275
V
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - DS4106_0710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4106 MAXIM-DS4106_08 Datasheet
142Kb / 8P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 2; 4/08
More results

Similar Description - DS4106_0710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4106 MAXIM-DS4106_08 Datasheet
142Kb / 8P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 2; 4/08
DS4106 MAXIM-DS4106 Datasheet
123Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 0; 7/07
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
logo
Micrel Semiconductor
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
   ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
logo
Kyocera Kinseki Corpota...
KC2520M KSS-KC2520M_18 Datasheet
63Kb / 1P
   Clock Oscillators
KC5032P-L2 KSS-KC5032P-L2_18 Datasheet
66Kb / 1P
   Clock Oscillators
KC7050A-C3 KSS-KC7050A-C3_18 Datasheet
65Kb / 1P
   Clock Oscillators
KC7050R-P3 KSS-KC7050R-P3_18 Datasheet
63Kb / 1P
   Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com