Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4026S+HCC Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS4026S+HCC
Description  10MHz to 51.84MHz TCXO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4026S+HCC Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS4026S+HCC Datasheet HTML 2Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 3Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 4Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 5Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 6Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 7Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 8Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 9Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
10MHz to 51.84MHz TCXO
6
_____________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
ACTIVE-SUPPLY CURRENT
vs. POWER-SUPPLY CURRENT
VCC (V)
3.5
3.4
3.3
3.2
3.1
0.3
0.2
0.1
0.6
0.5
0.4
0.8
0.7
0.9
1.1
1.0
1.4
1.3
1.2
1.6
1.5
0
3.0
3.6
12.8
51.84
ACTIVE-SUPPLY CURRENT
vs. OSCILLATOR POWER SUPPLY
VOSC (V)
3.5
3.4
3.3
3.2
3.1
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
3.0
3.6
51.84
12.8
ACTIVE-SUPPLY CURRENT
vs. DRIVER POWER SUPPLY
VCCD (V)
3.5
3.4
3.3
3.2
3.1
8.0
6.0
4.0
2.0
10.0
-0.1
3.0
3.6
51.84
12.8
FREQUENCY vs. FTUNE
VC (V)
000h
4000h
-25
-20
-15
-10
-5
0
5
10
15
20
-30
3FFFh
12.8
51.84
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
-10
-13
-8
-3
-5
3
15
13
10
8
5
18
0
20
-15
-40
80
DCOMP = 1
DCOMP = 0
PHASE NOISE (TYP)
OFFSET (Hz)
-5.0
-30.0
-55.0
-80.0
-105.0
-130.0
-155.0
-180.0
10
100
1000
10,000 100,000 1,000,000
51.84MHz
12.8MHz
19.44MHz
38.88MHz


Similar Part No. - DS4026S+HCC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026S+HCC MAXIM-DS4026S+HCC Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
More results

Similar Description - DS4026S+HCC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026 MAXIM-DS4026 Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
logo
EUROQUARTZ limited
EMQN574T EUROQUARTZ-EMQN574T Datasheet
151Kb / 2P
   CMOS TCXO 7 x 5mm 10MHz to 245MHz
EMQN576T EUROQUARTZ-EMQN576T Datasheet
152Kb / 2P
   CMOS TCXO 7 x 5mm 10MHz to 245MHz
EMQF574T EUROQUARTZ-EMQF574T Datasheet
252Kb / 2P
   CMOS SMD TCXO 7.0 x 5.0mm 10MHz to 245MHz
EMQN576P EUROQUARTZ-EMQN576P Datasheet
304Kb / 3P
   LVPECL TCXO 7 x 5mm SMD 10MHz to 1450MHz
EMQN326D EUROQUARTZ-EMQN326D Datasheet
289Kb / 2P
   LVDS MINIATURE TCXO 3.2 x 2.5mm 10MHz to 1450MHz
EMQN576D EUROQUARTZ-EMQN576D Datasheet
304Kb / 3P
   LVDS TCXO 7 x 5mm SMD 10MHz to 1450MHz
logo
Micrel Semiconductor
SY87729L MICREL-SY87729L_11 Datasheet
505Kb / 17P
   3.3V AnyClock짰, 10MHz to 365MHz
logo
RF Micro Devices
RFSW6132 RFMD-RFSW6132 Datasheet
458Kb / 8P
   SP3T Symmetric Switch, 10MHz to 6000MHz
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com