Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4026S+HCN Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS4026S+HCN
Description  10MHz to 51.84MHz TCXO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4026S+HCN Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS4026S+HCN Datasheet HTML 1Page - Maxim Integrated Products DS4026S+HCN Datasheet HTML 2Page - Maxim Integrated Products DS4026S+HCN Datasheet HTML 3Page - Maxim Integrated Products DS4026S+HCN Datasheet HTML 4Page - Maxim Integrated Products DS4026S+HCN Datasheet HTML 5Page - Maxim Integrated Products DS4026S+HCN Datasheet HTML 6Page - Maxim Integrated Products DS4026S+HCN Datasheet HTML 7Page - Maxim Integrated Products DS4026S+HCN Datasheet HTML 8Page - Maxim Integrated Products DS4026S+HCN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
10MHz to 51.84MHz TCXO
_____________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (Note 1)
(VCC = 3.135V to 3.465V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency Stability vs.
Temperature
Δf1/TA
CL = 10pF to ground
fNOM
– 1ppm
fNOM
fNOM
+ 1ppm
ppm
Frequency Stability vs. Voltage
Δf1/V
CL = 10pF to ground, +25°C
-2
+2
ppm/V
Aging, First Year
Δf1/Yr
(Note 5)
-1
+1
ppm
Aging, Years 2–15
Δf1/Yr
(Note 5)
-2
+2
ppm
Except 10MHz
±8
±15
Frequency Pull
Range
10MHz
Δf
FTUNEH = 3Fh and FTUNEL = FFh;
FTUNEH = 40h and FTUNEL = 00h at +25°C
±5
±10
ppm
Frequency Pull Resolution
ΔfRES
1
ppb
PHASE NOISE
PHASE NOISE (dBc/Hz) (TYPICAL, +25°C, 3.3V)
OFFSET (MHz)
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
12.80
-88.41
-130.16
-147.84
-150.84
-151.71
-151.87
19.44
-82.63
-125.12
-145.03
-146.87
-151.69
-151.52
20.00
-83.71
-120.76
-145.44
-150.96
-151.18
-151.45
38.88
-79.01
-120.06
-141.75
-150.59
-152.50
-153.06
40.00
-80.80
-115.44
-141.17
-151.59
-152.37
-153.00
51.84
-74.09
-120.39
-142.33
-151.14
-153.21
-153.94
10.0
-92.52
-134.83
-147.22
-150.84
-151.25
-150.84
16.384
-87.44
-128.53
-147.67
-150.78
-152.72
-151.75
16.8
-89.6
-126.20
-146.88
-151.90
-152.28
-151.93
CARRIER
FREQUENCY
24.0
-83.98
-119.45
-143.08
-150.33
-150.34
-150.67


Similar Part No. - DS4026S+HCN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026S+HCN MAXIM-DS4026S+HCN Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
More results

Similar Description - DS4026S+HCN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026 MAXIM-DS4026 Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
logo
EUROQUARTZ limited
EMQN574T EUROQUARTZ-EMQN574T Datasheet
151Kb / 2P
   CMOS TCXO 7 x 5mm 10MHz to 245MHz
EMQN576T EUROQUARTZ-EMQN576T Datasheet
152Kb / 2P
   CMOS TCXO 7 x 5mm 10MHz to 245MHz
EMQF574T EUROQUARTZ-EMQF574T Datasheet
252Kb / 2P
   CMOS SMD TCXO 7.0 x 5.0mm 10MHz to 245MHz
EMQN576P EUROQUARTZ-EMQN576P Datasheet
304Kb / 3P
   LVPECL TCXO 7 x 5mm SMD 10MHz to 1450MHz
EMQN326D EUROQUARTZ-EMQN326D Datasheet
289Kb / 2P
   LVDS MINIATURE TCXO 3.2 x 2.5mm 10MHz to 1450MHz
EMQN576D EUROQUARTZ-EMQN576D Datasheet
304Kb / 3P
   LVDS TCXO 7 x 5mm SMD 10MHz to 1450MHz
logo
Micrel Semiconductor
SY87729L MICREL-SY87729L_11 Datasheet
505Kb / 17P
   3.3V AnyClock짰, 10MHz to 365MHz
logo
RF Micro Devices
RFSW6132 RFMD-RFSW6132 Datasheet
458Kb / 8P
   SP3T Symmetric Switch, 10MHz to 6000MHz
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com