Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM6032SC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OM6032SC
Description  POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-258AA SIZE 6 DIE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM6032SC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OM6032SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM6032SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM6032SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM6032SC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.1 - 99
OM6025SC - OM6032SC
3.1
ELECTRICAL CHARACTERISTICS:
OM6025SC, OM6032SC (TC = 25° unless otherwise noted)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage (VGS = 0, ID = 0.25 mA)
V(BR)DSS
400
-
-
Vdc
Zero Gate Voltage Drain
IDSS
mAdc
(VDS = 400 V, VGS = 0)
-
-
0.25
(VDS = 400 V, VGS = 0, TJ = 125° C)
-
-
1.0
Gate-Body Leakage Current, Forward (VGSF = 20 Vdc, VDS = 0)
IGSSF
-
-
100
nAdc
Gate-Body Leakage Current, Reverse (VGSR = 20 Vdc, VDS = 0)
IGSSR
-
-
100
nAdc
ON CHARACTERISTICS
*
Gate-Threshold Voltage
VGS(th)
Vdc
(VDS = VGS, ID = 0.25 mAdc
2.0
3.0
4.0
(TJ = 125° C)
1.5
-
3.5
Static Drain-Source On-Resistance (VGS = 10 Vdc, ID = 12 Adc)
rDS(on)
-
-
0.20
Ohm
Drain-Source On-Voltage (VGS = 10 Vdc)
VDS(on)
Vdc
(ID = 24 A)
-
-
5.4
(ID = 12 A, TJ = 125° C)
-
-
5.4
Forward Transconductance (VDS = 15 Vdc, ID = 12 Adc)
gFS
14
-
-
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 V, VGS = 0,
Ciss
-
5600
-
pF
Output Capacitance
f = 1.0 MHz)
Coss
-78-
Transfer Capacitance
Crss
-
230
-
SWITCHING CHARACTERISTICS
Turn-On Delay Time
td(on)
-70-
ns
Rise Time
(VDD = 250 V, ID = 24 A,
tr
-
190
-
Turn-Off Delay Time
Rgen = 4.3 ohms)
td(off)
-
160
-
Fall Time
tf
-
160
-
Total Gate Charge
(VDS = 400 V, ID = 24 A,
Qg
-
110
140
nC
Gate-Source Charge
VGS = 10 V)
Qgs
-20-
Gate-Drain Charge
Qgd
-55-
SOURCE DRAIN DIODE CHARACTERISTICS
Forward On-Voltage
VSD
-
1.1
1.6
Vdc
Forward Turn-On Time
(IS = 24 A, d/dt = 100 A/µs)
ton
**
ns
Reverse Recovery Time
trr
-
500
1000
ELECTRICAL CHARACTERISTICS:
OM6026SC, OM6031SC (TC = 25° unless otherwise noted)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage (VGS = 0, ID = 0.25 mA)
V(BR)DSS
500
-
-
Vdc
Zero Gate Voltage Drain
IDSS
mAdc
(VDS = 500 V, VGS = 0)
-
-
0.25
(VDS = 500 V, VGS = 0, TJ = 125° C)
-
-
1.0
Gate-Body Leakage Current, Forward (VGSF = 20 Vdc, VDS = 0)
IGSSF
-
-
100
nAdc
Gate-Body Leakage Current, Reverse (VGSR = 20 Vdc, VDS = 0)
IGSSR
-
-
100
nAdc
ON CHARACTERISTICS
*
Gate-Threshold Voltage
VGS(th)
Vdc
(VDS = VGS, ID = 0.25 mAdc
2.0
3.0
4.0
(TJ = 125° C)
1.5
-
3.5
Static Drain-Source On-Resistance (VGS = 10 Vdc, ID = 11 Adc)
rDS(on)
-
-
0.27
Ohm
Drain-Source On-Voltage (VGS = 10 Vdc)
VDS(on)
Vdc
(ID = 22 A)
-
-
8.0
(ID = 11 A, TJ = 125° C)
-
-
8.0
Forward Transconductance (VDS = 15 Vdc, ID = 11 Adc)
gFS
13
-
-
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 V, VGS = 0,
Ciss
-
5600
-
pF
Output Capacitance
f = 1.0 MHz)
Coss
-
680
-
Transfer Capacitance
Crss
-
200
-
SWITCHING CHARACTERISTICS
Turn-On Delay Time
td(on)
-70-
ns
Rise Time
(VDD = 250 V, ID = 22 A,
tr
-
190
-
Turn-Off Delay Time
Rgen = 4.3 ohms)
Td(off)
-
160
-
Fall Time
tf
-
160
-
Total Gate Charge
(VDS = 400 V, ID = 22 A,
Qg
-
115
140
nC
Gate-Source Charge
VGS = 10 V)
Qgs
-20-
Gate-Drain Charge
Qgd
-60-
SOURCE DRAIN DIODE CHARACTERISTICS
Forward On-Voltage
VSD
-
1.1
1.6
Vdc
Forward Turn-On Time
(IS = 22 A, d/dt = 100 A/µs)
ton
**
ns
Reverse Recovery Time
trr
-
500
1000
* Indicates Pulse Test = 300 µsec, Duty Cycle = 2%
** Limited by circuit inductance


Similar Part No. - OM6032SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
OM6001ST ETC2-OM6001ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
logo
International Rectifier
OM6001ST IRF-OM6001ST Datasheet
49Kb / 4P
   Isolated Hermetic Metal Package
OM6001ST IRF-OM6001ST_15 Datasheet
49Kb / 4P
   Isolated Hermetic Metal Package
logo
List of Unclassifed Man...
OM6002ST ETC-OM6002ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
More results

Similar Description - OM6032SC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM6025SA IRF-OM6025SA Datasheet
50Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-254AA SIZE 6 DIE
logo
List of Unclassifed Man...
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
logo
International Rectifier
OM7662SC IRF-OM7662SC_15 Datasheet
40Kb / 4P
   Isolated Hermetic Package. JEDEC TO-258AA Outline
logo
List of Unclassifed Man...
OM7608SC ETC2-OM7608SC Datasheet
32Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED VOLTAGE REGULATORS
OM6009SA ETC2-OM6009SA Datasheet
47Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED
OM5204SC ETC1-OM5204SC Datasheet
35Kb / 2P
   HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com