Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1067 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1067
Description  Multichannel, 14-Bit, 200ksps Analog-to-Digital Converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1067 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1067 Datasheet HTML 7Page - Maxim Integrated Products MAX1067 Datasheet HTML 8Page - Maxim Integrated Products MAX1067 Datasheet HTML 9Page - Maxim Integrated Products MAX1067 Datasheet HTML 10Page - Maxim Integrated Products MAX1067 Datasheet HTML 11Page - Maxim Integrated Products MAX1067 Datasheet HTML 12Page - Maxim Integrated Products MAX1067 Datasheet HTML 13Page - Maxim Integrated Products MAX1067 Datasheet HTML 14Page - Maxim Integrated Products MAX1067 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Detailed Description
The MAX1067/MAX1068 low-power, multichannel, 14-
bit ADCs feature a successive-approximation ADC,
automatic power-down, integrated +4.096V reference,
and a high-speed SPI/QSPI/MICROWIRE-compatible
interface. A DSPR input and DSPX output allow the
MAX1068 to communicate with DSPs with no external
glue logic. The MAX1067/MAX1068 operate with a sin-
gle +5V analog supply and feature a separate digital
supply allowing direct interfacing with +2.7V to +5.5V
digital logic.
Figures 3 and 4 show the functional diagrams of the
MAX1067/MAX1068, and Figures 5 and 6 show the
MAX1067/MAX1068 in a typical operating circuit. The
serial interface simplifies communication with micro-
processors (µPs).
In external reference mode, the MAX1067/MAX1068
have two power modes: normal mode and shutdown
mode. Driving CS high places the MAX1067/MAX1068
in shutdown mode, reducing the supply current to
0.6µA (typ). Pull CS low to place the MAX1067/
MAX1068 in normal operating mode. The internal refer-
ence mode offers software-programmable, power-down
options as shown in Table 5.
In SPI/QSPI/MICROWIRE mode, a falling edge on CS
wakes the analog circuitry and allows SCLK to clock in
data. Acquisition and conversion are initiated by SCLK.
The conversion result is available at DOUT in unipolar
serial format. DOUT is held low until data becomes
available (MSB first) on the 8th falling edge of SCLK
when in 8-bit transfer mode, and on the 16th falling
edge when in 16-bit transfer mode. See the Operating
Modes section. Figure 8 shows the detailed SPI/QSPI/
MICROWIRE serial-interface timing diagram.
In external clock mode, the MAX1068 also interfaces
with DSPs. In DSP mode, a frame-sync pulse from the
DSP initiates a conversion that is driven by SCLK. The
MAX1068 formats a frame-sync pulse to notify the DSP
that the conversion results are available at DOUT in
MSB-first, unipolar, serial-data format. Figure 16 shows
the detailed DSP serial-interface timing diagram (see the
Operating Modes section).
Analog Input
Figure 7 illustrates the input-sampling architecture of
the ADC. The voltage applied at REF or the internal
+4.096V reference sets the full-scale input voltage.
Track/Hold (T/H)
In track mode, the analog signal is acquired on the
internal hold capacitor. In hold mode, the T/H switches
open and the capacitive digital-to-analog converter
(DAC) samples the analog input.
Multichannel, 14-Bit, 200ksps Analog-to-Digital
Converters
______________________________________________________________________________________
11
Pin Description (continued)
PIN
MAX1067
MAX1068
NAME
FUNCTION
13
AIN6
Analog Input 6
14
AIN7
Analog Input 7
—23
DSPX
DSP Frame-Sync Transmit Output. A frame-sync pulse at DSPX notifies the DSP that the
MSB data is available at DOUT. Leave DSPX unconnected when not in DSP mode.
24
N.C.
No Connection. Not internally connected.
DGND
1mA
CLOAD = 30pF
DOUT
DOUT
CLOAD = 30pF
1mA
DGND
DVDD
a) VOL TO VOH
b) HIGH-Z TO VOL AND VOH TO VOL
Figure 1. Load Circuits for DOUT Enable Time and SCLK-to-
DOUT Delay Time
DGND
1mA
CLOAD = 30pF
DOUT
DOUT
CLOAD = 30pF
1mA
DGND
DVDD
a) VOH TO HIGH-Z
b) VOL TO HIGH-Z
Figure 2. Load Circuits for DOUT Disable Time


Similar Part No. - MAX1067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
   짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
MAX106 MAXIM-MAX106 Datasheet
786Kb / 20P
   Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1060 MAXIM-MAX1060 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060ACEI MAXIM-MAX1060ACEI Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060AEEI MAXIM-MAX1060AEEI Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results

Similar Description - MAX1067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1167-MAX1168 MAXIM-MAX1167-MAX1168 Datasheet
462Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 0; 8/03
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1167 MAXIM-MAX1167_09 Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
Analog Devices
ADC1130 AD-ADC1130_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
ADC1131 AD-ADC1131_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
logo
Intronics Power, Inc.
ADC1130 INTRONICS-ADC1130 Datasheet
912Kb / 4P
   14-Bit High Speed Analog to Digital Converters
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com