Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1446GHJ+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1446GHJ+
Description  10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1446GHJ+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1446GHJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX1446GHJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX1446GHJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX1446GHJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX1446GHJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX1446GHJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX1446GHJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX1446GHJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX1446GHJ+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
10-Bit, 60Msps, 3.0V, Low-Power
ADC with Internal Reference
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VDD = 3.0V, OVDD = 2.7V, internal reference, differential input at -0.5dBFS, fCLK = 62.35MHz, CL
≈ 10pF, TA = +25°C, unless
otherwise noted.)
SPURIOUS-FREE DYNAMIC RANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
60
64
68
72
76
80
fIN = 19.943MHz, AIN = -0.5dBFS
SIGNAL-TO-NOISE RATIO vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
50
54
58
62
66
70
fIN = 19.943MHz, AIN = -0.5dBFS
SIGNAL-TO-NOISE RATIO
vs. ANALOG INPUT FREQUENCY
(AIN = -0.5dBFS)
ANALOG INPUT FREQUENCY (MHz)
0
102030405060708090
55
56
57
58
59
60
DIFFERENTIAL
SINGLE-ENDED
TOTAL HARMONIC DISTORTION
vs. ANALOG INPUT FREQUENCY
(AIN = -0.5dBFS)
ANALOG INPUT FREQUENCY (MHz)
0
102030405060708090
-80
-75
-70
-65
-60
-55
-50
DIFFERENTIAL
SINGLE-ENDED
SIGNAL-TO-NOISE AND DISTORTION
vs. ANALOG INPUT FREQUENCY
(AIN = -0.5dBFS)
ANALOG INPUT FREQUENCY (MHz)
0
102030405060708090
52
53
54
55
56
57
58
59
60
DIFFERENTIAL
SINGLE-ENDED
SPURIOUS-FREE DYNAMIC RANGE
vs. ANALOG INPUT POWER
(fIN = 19.943MHz)
ANALOG INPUT POWER (dBFS)
-20
-16
-12
-8
-4
0
50
55
60
65
70
75
80
SIGNAL-TO-NOISE RATIO
vs. ANALOG INPUT POWER
(fIN = 19.943MHz)
ANALOG INPUT POWER (dBFS)
-20
-16
-12
-8
-4
0
30
36
42
48
54
60
66
TOTAL HARMONIC DISTORTION
vs. ANALOG INPUT POWER
(fIN = 19.943MHz)
ANALOG INPUT POWER (dBFS)
-20
-16
-12
-8
-4
0
-80
-75
-70
-65
-60
-55
-50
SIGNAL-TO-NOISE AND DISTORTION
vs. ANALOG INPUT POWER
(fIN = 19.943MHz)
ANALOG INPUT POWER (dBFS)
-20
-16
-12
-8
-4
0
30
35
40
45
50
55
60
65


Similar Part No. - MAX1446GHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1446GHJ++ MAXIM-MAX1446GHJ+ Datasheet
250Kb / 20P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
More results

Similar Description - MAX1446GHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1446 MAXIM-MAX1446_08 Datasheet
250Kb / 20P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
MAX1446 MAXIM-MAX1446 Datasheet
282Kb / 16P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 7/03
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
MAX1448 MAXIM-MAX1448 Datasheet
553Kb / 21P
   10-Bit, 80Msps, Single 3.0V, Low-Power ADC with Internal Reference
Rev 2; 5/04
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
logo
NXP Semiconductors
TDA8763 PHILIPS-TDA8763 Datasheet
174Kb / 24P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 06
TDA8764 PHILIPS-TDA8764 Datasheet
164Kb / 28P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 12
logo
Maxim Integrated Produc...
MAX1449 MAXIM-MAX1449 Datasheet
603Kb / 18P
   10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
Rev 0; 10/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com