Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1089EKA-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1089EKA-T
Description  150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1089EKA-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1089EKA-T Datasheet HTML 1Page - Maxim Integrated Products MAX1089EKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX1089EKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX1089EKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX1089EKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX1089EKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX1089EKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX1089EKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX1089EKA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
150ksps, 10-Bit, 2-Channel Single-Ended, and
1-Channel True-Differential ADCs in SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +3.6V, VREF = +2.5V for MAX1087/MAX1089, or VDD = +4.75V to +5.25V, VREF = +4.096V for MAX1086/MAX1088,
0.1µF capacitor at REF, fSCLK = 8MHz (50% duty cycle), AIN- = GND for MAX1088/MAX1089. TA = TMIN to TMAX, unless otherwise
noted. Typical values at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND .............................................................-0.3V to +6V
CNVST, SCLK, DOUT to GND......................-0.3V to (VDD+0.3V)
REF, AIN1(AIN+), AIN2(AIN-) to GND..........-0.3V to (VDD+0.3V)
Maximum Current Into Any Pin ...........................................50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 9.70mW/°C above TA = +70°C) ......777mW
8-Pin TDFN (derate 18.2mW/°C above TA = +70°C)...1454.5mW
Operating Temperature Ranges.........................-40°C to +85°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
10
Bits
Relative Accuracy (Note 2)
INL
±1.0
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
±1.0
LSB
Offset Error
±0.5
±1.0
LSB
Gain Error (Note 3)
±1.0
±2.0
LSB
Gain Temperature Coefficient
±0.8
ppm/
°C
Channel-to-Channel Offset
±0.1
LSB
Channel-to-Channel Gain Matching
±0.1
LSB
Input Common-Mode Rejection
CMR
VCM = 0V to VDD; zero scale input
±0.1
mV
DYNAMIC SPECIFICATIONS: (fIN (sine-wave) = 10kHz, VIN = 4.096Vp-p for MAX1086/MAX1088 or VIN = 2.5VPP
for MAX1087/MAX1089, 150ksps, fSCLK = 8MHz, AIN- = GND for MAX1088/MAX1089)
Signal to Noise Plus Distortion
SINAD
61
dB
Total Harmonic Distortion
(up to the 5
th harmonic)
THD
-70
dB
Spurious-Free Dynamic Range
SFDR
70
dB
Full-Power Bandwidth
-3dB point
1
MHz
Full-Linear Bandwidth
SINAD > 56dB
100
kHz
CONVERSION RATE
Conversion Time
tCONV
3.7
µs
T/H Acquisition Time
tACQ
1.4
µs
Aperture Delay
30
ns
Aperture Jitter
<50
ps
Maximum Serial Clock Frequency
fSCLK
8
MHz
Duty Cycle
30
70
%


Similar Part No. - MAX1089EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1089EKA-T MAXIM-MAX1089EKA-T Datasheet
334Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
MAX1089EKA-T MAXIM-MAX1089EKA-T Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
More results

Similar Description - MAX1089EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086 Datasheet
334Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
MAX1086 MAXIM-MAX1086_V01 Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
MAX1286 MAXIM-MAX1286 Datasheet
241Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-2231; Rev 0; 10/01
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Maxim Integrated Produc...
MAX1392 MAXIM-MAX1392 Datasheet
877Kb / 19P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 0; 5/05
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
logo
Linear Technology
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com