Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1589EZT300-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1589EZT300-T
Description  Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1589EZT300-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1589EZT300-T Datasheet HTML 2Page - Maxim Integrated Products MAX1589EZT300-T Datasheet HTML 3Page - Maxim Integrated Products MAX1589EZT300-T Datasheet HTML 4Page - Maxim Integrated Products MAX1589EZT300-T Datasheet HTML 5Page - Maxim Integrated Products MAX1589EZT300-T Datasheet HTML 6Page - Maxim Integrated Products MAX1589EZT300-T Datasheet HTML 7Page - Maxim Integrated Products MAX1589EZT300-T Datasheet HTML 8Page - Maxim Integrated Products MAX1589EZT300-T Datasheet HTML 9Page - Maxim Integrated Products MAX1589EZT300-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Detailed Description
The MAX1589 is a low-dropout, low-quiescent-current,
high-accuracy linear regulator designed primarily for
battery-powered applications. The device supplies
loads up to 500mA and is available with preset output
voltages from +0.75V to +3.0V. As illustrated in Figure 1,
the MAX1589 contains a reference, an error amplifier, a
P-channel pass transistor, an internal feedback voltage-
divider, and a power-good comparator.
The error amplifier compares the reference with the
feedback voltage and amplifies the difference. If the
feedback voltage is lower than the reference voltage,
the pass-transistor gate is pulled lower, allowing more
current to pass to the output and increasing the output
voltage. If the feedback voltage is too high, the pass-
transistor gate is pulled up, allowing less current to
pass to the output.
Internal P-Channel Pass Transistor
The MAX1589 features a 0.33
Ω (RDS(ON)) P-channel
MOSFET pass transistor. Unlike similar designs using
PNP pass transistors, P-channel MOSFETs require no
base drive, which reduces quiescent current. PNP-
based regulators also waste considerable current in
dropout when the pass transistor saturates and use
high base-drive currents under large loads. The
MAX1589 does not suffer from these problems and
consumes only 90µA (typ) of quiescent current under
heavy loads, as well as in dropout.
Shutdown
Pull SHDN low to enter shutdown. During shutdown, the
output is disconnected from the input, an internal 1.5k
Ω
resistor pulls OUT to GND, RESET is actively pulled
low, and supply current drops below 1µA.
R
RE
ES
SE
ET
T Output
The MAX1589’s microprocessor (µP) supervisory cir-
cuitry asserts a guaranteed logic-low reset during
power-up, power-down, and brownout conditions down
to +1V. RESET asserts when VOUT is below the reset
threshold and remains asserted for at least 70ms (tRP)
after VOUT rises above the reset threshold.
Current Limit
The MAX1589 monitors and controls the pass transis-
tor’s gate voltage, limiting the output current to 850mA
(typ). If the output current exceeds ILIM, the MAX1589
output voltage drops.
Thermal-Overload Protection
Thermal-overload protection limits total power dissipa-
tion in the MAX1589. When the junction temperature
exceeds +165°C, a thermal sensor turns off the pass
Low-Input-Voltage, 500mA LDO Regulator
with
R
RE
ES
SE
ET
T in SOT and TDFN
6
_______________________________________________________________________________________
PART
SOT23
TDFN
NAME
FUNCTION
16
IN
Regulator Input. Supply voltage can range from +1.62V to +3.6V. Bypass IN with at least a
1µF ceramic capacitor to GND (see the Capacitor Selection and Regulator Stability
section).
2
GND
Ground. GND also functions as a heatsink. Solder GND to a large pad or circuit-board
ground plane to maximize SOT23 power dissipation.
4
GND
Ground
35
SHDN
Active-Low Shutdown Input. A logic low reduces supply current to below 1µA. Connect to
IN or logic high for normal operation.
43
RESET
Active-Low, Open-Drain Reset Output.
RESET rises 100ms after the output has achieved
regulation.
RESET falls immediately if VOUT drops below 82.5% of its nominal voltage, or if
the MAX1589 is shut down.
5
2
I.C.
Internally Connected. Leave floating or connect to GND.
6
1
OUT
Regulator Output. Sources up to 500mA. Bypass with a 4.7µF low-ESR ceramic capacitor
to GND.
Exposed
Pad
EP
Ground. EP also functions as a heatsink. Solder EP to a large pad or circuit-board ground
plane to maximize TDFN power dissipation.
Pin Description


Similar Part No. - MAX1589EZT300-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1589EZT300-T MAXIM-MAX1589EZT300-T Datasheet
363Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
19-3048; Rev 0; 10/03
More results

Similar Description - MAX1589EZT300-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1589 MAXIM-MAX1589 Datasheet
363Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
19-3048; Rev 0; 10/03
MAX1963 MAXIM-MAX1963 Datasheet
354Kb / 12P
   Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN
Rev 0; 10/03
MAX1589A MAXIM-MAX1589A Datasheet
376Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
MAX1589AETT250-T MAXIM-MAX1589AETT250-T Datasheet
382Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
MAX1963 MAXIM-MAX1963_07 Datasheet
313Kb / 12P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 2; 5/07
MAX1963A MAXIM-MAX1963A Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963A_V1 MAXIM-MAX1963A_V1 Datasheet
225Kb / 10P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 1; 5/12
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com