Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G18GV Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC1G18GV
Description  1-of-2 non-inverting demultiplexer with 3-state deselected output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G18GV Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G18GV Datasheet HTML 1Page - NXP Semiconductors 74LVC1G18GV Datasheet HTML 2Page - NXP Semiconductors 74LVC1G18GV Datasheet HTML 3Page - NXP Semiconductors 74LVC1G18GV Datasheet HTML 4Page - NXP Semiconductors 74LVC1G18GV Datasheet HTML 5Page - NXP Semiconductors 74LVC1G18GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G18GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G18GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G18GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74LVC1G18_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 30 August 2007
2 of 13
NXP Semiconductors
74LVC1G18
1-of-2 non-inverting demultiplexer with 3-state deselected output
4.
Marking
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Table 2.
Marking
Type number
Marking code
74LVC1G18GW
VW
74LVC1G18GV
V18
Fig 1.
Logic symbol
mnb088
S
1Y
1
6
A
2Y
3
4
Fig 2.
Pin configuration
74LVC1G18
S1Y
GND
A2Y
001aag921
1
2
3
6
VCC
5
4
Table 3.
Pin description
Symbol
Pin
Description
S
1
data select
GND
2
ground (0 V)
A
3
data input
2Y
4
data output
VCC
5
supply voltage
1Y
6
data output


Similar Part No. - 74LVC1G18GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G18GV PHILIPS-74LVC1G18GV Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
logo
Nexperia B.V. All right...
74LVC1G18GV NEXPERIA-74LVC1G18GV Datasheet
222Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 4 - 20 January 2022
74LVC1G18GV-Q100 NEXPERIA-74LVC1G18GV-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
More results

Similar Description - 74LVC1G18GV

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
74LVC1G18 PHILIPS-74LVC1G18_15 Datasheet
83Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
74LVC1G18 NEXPERIA-74LVC1G18 Datasheet
222Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 4 - 20 January 2022
logo
Fairchild Semiconductor
NC7SZ18 FAIRCHILD-NC7SZ18_04 Datasheet
166Kb / 8P
   TinyLogic UHS 1-of-2 Non-Inverting Demultiplexer with 3-STATE Deselected Output
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI1-SN74LVC1G18_15 Datasheet
1Mb / 23P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74AUP1G18 NXP-74AUP1G18 Datasheet
104Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 02-3 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com