Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G126GM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC1G126GM
Description  Bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G126GM Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G126GM Datasheet HTML 1Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 2Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 3Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 4Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G126GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74LVC1G126_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 30 August 2007
2 of 16
NXP Semiconductors
74LVC1G126
Bus buffer/line driver; 3-state
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G126GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package;
5 leads; body width 1.25 mm
SOT353-1
74LVC1G126GV
−40 °C to +125 °C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74LVC1G126GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74LVC1G126GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking codes
Type number
Marking
74LVC1G126GW
VN
74LVC1G126GV
V26
74LVC1G126GM
VN
74LVC1G126GF
VN
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna125
A
OE
Y
2
1
4
mna126
1
4
OE
2
mna127
OE
A
Y


Similar Part No. - 74LVC1G126GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G126GM PHILIPS-74LVC1G126GM Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 21
74LVC1G126GM NXP-74LVC1G126GM Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
74LVC1G126GM NXP-74LVC1G126GM Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
logo
Nexperia B.V. All right...
74LVC1G126GM NEXPERIA-74LVC1G126GM Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
More results

Similar Description - 74LVC1G126GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com