Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G02DC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC2G02DC
Description  Dual 2-input NOR gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G02DC Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC2G02DC Datasheet HTML 1Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 2Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 3Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 4Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 5Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2G02DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74LVC2G02_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 4 September 2007
3 of 15
NXP Semiconductors
74LVC2G02
Dual 2-input NOR gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration TSSOP8 and VSSOP8
74LVC2G02
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aab642
1
2
3
4
6
5
8
7
Fig 5.
Pin configuration XSON8
Fig 6.
Pin configuration XQFN8
74LVC2G02
2B
1Y
VCC
2A
2Y
1B
1A
GND
001aab643
36
27
18
45
Transparent top view
001aae971
1B
2B
1A
2Y
1Y
2A
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74LVC2G02
Table 3.
Pin description
Symbol
Pin
Description
TSSOP8, VSSOP8
XSON8
XQFN8
1A
1
1
7
data input
1B
2
2
6
data input
2Y
3
3
5
data output
GND
444ground (0 V)
2A
5
5
3
data input
2B
6
6
2
data input
1Y
7
7
1
data output
VCC
8
8
8
supply voltage


Similar Part No. - 74LVC2G02DC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
74LVC2G02DC PANASONIC-74LVC2G02DC Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
NXP Semiconductors
74LVC2G02DC NXP-74LVC2G02DC Datasheet
102Kb / 16P
   Dual 2-input NOR gate
Rev. 07-6 June 2008
logo
Nexperia B.V. All right...
74LVC2G02DC NEXPERIA-74LVC2G02DC Datasheet
268Kb / 17P
   Dual 2-input NOR gate
Rev. 14 - 21 July 2021
74LVC2G02DC-Q100 NEXPERIA-74LVC2G02DC-Q100 Datasheet
784Kb / 13P
   Dual 2-input NOR gate
More results

Similar Description - 74LVC2G02DC

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
   DUAL 2-INPUT NOR GATE
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
   Dual 2-Input NOR Gate
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_13 Datasheet
109Kb / 5P
   Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
   Dual 2-input NOR gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02 Datasheet
55Kb / 6P
   Dual 2-Input NOR Gate
March, 2004 ??Rev. 6
logo
Diodes Incorporated
74LVC2G02 DIODES-74LVC2G02 Datasheet
509Kb / 11P
   DUAL 2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com