Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G126DC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC2G126DC
Description  Dual bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G126DC Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC2G126DC Datasheet HTML 1Page - NXP Semiconductors 74LVC2G126DC Datasheet HTML 2Page - NXP Semiconductors 74LVC2G126DC Datasheet HTML 3Page - NXP Semiconductors 74LVC2G126DC Datasheet HTML 4Page - NXP Semiconductors 74LVC2G126DC Datasheet HTML 5Page - NXP Semiconductors 74LVC2G126DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2G126DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2G126DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2G126DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74LVC2G126_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 7 September 2007
3 of 16
NXP Semiconductors
74LVC2G126
Dual bus buffer/line driver; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 3.
Pin configuration SOT505-2 (TSSOP8) and SOT765-1 (VSSOP8)
74LVC2G126
1OE
VCC
1A
2OE
2Y
1Y
GND
2A
001aab740
1
2
3
4
6
5
8
7
Fig 4.
Pin configuration SOT833-1 (XSON8)
Fig 5.
Pin configuration SOT902-1 (XQFN8)
74LVC2G126
1Y
2OE
VCC
2A
2Y
1A
1OE
GND
001aab741
36
27
18
45
Transparent top view
001aaf056
1A
1Y
1OE
2Y
2OE
2A
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74LVC2G126
Table 3.
Pin description
Symbol
Pin
Description
SOT505-2, SOT765-1,
SOT833-1
SOT902-1
1OE
1
7
output enable input (active HIGH)
1A
2
6
data input
2Y
3
5
data output
GND
4
4
ground (0 V)
2A
5
3
data input
1Y
6
2
data output
2OE
7
1
output enable input (active HIGH)
VCC
8
8
supply voltage


Similar Part No. - 74LVC2G126DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G126DC PHILIPS-74LVC2G126DC Datasheet
95Kb / 16P
   Dual bus buffer/line driver; 3-state
2004 Sep 22
74LVC2G126DC NXP-74LVC2G126DC Datasheet
448Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 08-5 May 2008
logo
Nexperia B.V. All right...
74LVC2G126DC NEXPERIA-74LVC2G126DC Datasheet
270Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 15 - 28 April 2020
74LVC2G126DC-Q100 NEXPERIA-74LVC2G126DC-Q100 Datasheet
212Kb / 12P
   Bus buffer/line driver; 3-state
logo
Texas Instruments
74LVC2G126DCTRE4 TI-74LVC2G126DCTRE4 Datasheet
824Kb / 15P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVC2G126DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G125 NXP-74LVC2G125 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 08-7 September 2007
74LVC2G125 PHILIPS-74LVC2G125 Datasheet
95Kb / 16P
   Dual bus buffer/line driver 3-state
2004 Sep 22
74LVC2G126 PHILIPS-74LVC2G126 Datasheet
95Kb / 16P
   Dual bus buffer/line driver; 3-state
2004 Sep 22
74LVC2G126 NXP-74LVC2G126_08 Datasheet
448Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 08-5 May 2008
74LVC2G125 NXP-74LVC2G125_10 Datasheet
553Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 11-9 September 2010
74LVC2G125 PHILIPS-74LVC2G125_11 Datasheet
155Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 12-1 December 2011
logo
Nexperia B.V. All right...
74LVC2G125 NEXPERIA-74LVC2G125 Datasheet
272Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 17 - 26 July 2021
74LVC2G126 NEXPERIA-74LVC2G126 Datasheet
270Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 15 - 28 April 2020
logo
NXP Semiconductors
74LVC2G125 NXP-74LVC2G125_08 Datasheet
107Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 10-11 June 2008
logo
Nexperia B.V. All right...
74LVC2G125-Q100 NEXPERIA-74LVC2G125-Q100 Datasheet
215Kb / 2P
   Dual bus buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com