Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4541EKA-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4541EKA-T
Description  Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4541EKA-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4541EKA-T Datasheet HTML 1Page - Maxim Integrated Products MAX4541EKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX4541EKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX4541EKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX4541EKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX4541EKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX4541EKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX4541EKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX4541EKA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Low-Voltage, Single-Supply
Dual SPST/SPDT Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +3.3V Supply
(V+ = +3.0V to +3.6V, GND = 0, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) (Notes 2, 3)
Note 2: QFN and SOT-packaged parts are 100% tested at +25°C only and guaranteed by correlation at the full hot rated temperature.
Note 3: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 4: Guaranteed by design.
Note 5:
ΔRON = ΔRON max - ΔRON min.
Note 6: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 7: Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25°C.
Note 8: Off-isolation = 20 x log10 [VCOM ⁄ (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.
Note 9: Between the two switches, MAX4541/MAX4542/MAX4543 only.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Signal Range
VCOM_,
VNO_,
VNC_
(Note 3)
0V+
V
Channel On-Resistance
RON
V+ = 3V,
ICOM_ = 1.0mA,
VNO_ or VNC_ = 1.5V
275
Turn-On Time (Note 3)
tON
VNO_ or VNC_ = 1.5V
80
400
ns
500
Turn-Off Time (Note 3)
tOFF
VNO_ or VNC_ = 1.5V
50
125
ns
175
Break-Before-Make Time
Delay (Note 3)
tD
MAX4543/MAX4544 only, RL = 300
Ω, CL = 35pF,
TA = +25°C
230
ns
Charge Injection (Note 3)
Q
CL = 1.0nF, VGEN = 0, RGEN = 0, TA = +25°C
15
pC
TA = TMIN to TMAX
Ω
50
125
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
Positive Supply Current
I+
V+ = 3.6V, VIN = 0 or V+, all channels on or off
-1
+1
µA
ANALOG SWITCH
DYNAMIC
SUPPLY


Similar Part No. - MAX4541EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541EKA-T MAXIM-MAX4541EKA-T Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
More results

Similar Description - MAX4541EKA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com