Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4760EWX+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4760EWX+T
Description  High-Bandwidth, Quad DPDT Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4760EWX+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4760EWX+T Datasheet HTML 1Page - Maxim Integrated Products MAX4760EWX+T Datasheet HTML 2Page - Maxim Integrated Products MAX4760EWX+T Datasheet HTML 3Page - Maxim Integrated Products MAX4760EWX+T Datasheet HTML 4Page - Maxim Integrated Products MAX4760EWX+T Datasheet HTML 5Page - Maxim Integrated Products MAX4760EWX+T Datasheet HTML 6Page - Maxim Integrated Products MAX4760EWX+T Datasheet HTML 7Page - Maxim Integrated Products MAX4760EWX+T Datasheet HTML 8Page - Maxim Integrated Products MAX4760EWX+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
High-Bandwidth, Quad DPDT Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +2.7V to +5.25V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at V+ = 3V, TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
+25°C
15
Break-Before-Make (Note 7)
tBBM
V+ = 2.7V, VNO_ or VNC_ = 1.5V;
RL = 50
Ω, CL = 35pF, Figure 3
TMIN to TMAX
2
ns
Skew (Note 7)
tSKEW
RS = 39
Ω, CL = 50pF, Figure 4
+25°C
0.2
0.5
ns
Charge Injection
Q
VGEN = 0V, RGEN = 0,
CL = 1.0nF, Figure 5
+25°C
15
pC
On-Channel -3dB Bandwidth
BW
Signal = 0dBm, CL = 5pF, RL = 50
Ω
+25°C
320
MHz
Off-Isolation (Note 8)
VISO
CL = 5pF, RL = 50
Ω, VCOM_ = 1VP-P,
f = 100kHz, Figure 6
+25°C
100
dB
Crosstalk (Note 9)
VCT
CL = 5pF, RL = 50
Ω, VCOM_ = 1VP-P,
f = 100kHz, Figure 6
+25°C
95
dB
Total Harmonic Distortion
THD
f = 20Hz to 20kHz, 1VP-P, RL = 600
Ω
+25°C
0.03
%
NO_, NC_ Off-Capacitance
CNO_(OFF),
CNC_(OFF)
VNO_, VNC_ = GND, f = 1MHz,
Figure 7
+25°C
25
pF
COM_ On-Capacitance
CCOM(ON)
VNO_, VNC_ = GND, f = 1MHz,
Figure 7
+25°C
54
pF
COM_ Off-Capacitance
CCOM(OFF)
VCOM_ = GND, f = 1MHz (MAX4761),
Figure 7
+25°C
25
pF
DIGITAL I/O (IN_,
EN)
V+ = 2.7V to 3.6V
TMIN to TMAX
1.4
Input-Logic High
VIH
V+ = 3.6V to 5.25V
TMIN to TMAX
2.0
V
V+ = 2.7V to 3.6V
TMIN to TMAX
0.5
Input-Logic Low
VIL
V+ = 3.6V to 5.25V
TMIN to TMAX
0.6
V
Input Leakage Current
IIN
VIN = 0 or V+
TMIN to TMAX
1µA
POWER SUPPLY
Power-Supply Range
V+
TMIN to TMAX
1.8
5.5
V
+25°C
0.01
Positive Supply Current
I+
V+ = 4.3V, VIN_ = 0V or V+
TMIN to TMAX
1.0
µA
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: UCSP packages are 100% tested at +25°C and limits across the full temperature range are guaranteed by correlation and
design. Thin QFN packages are 100% tested at +85°C and limits across the full temperature range are guaranteed by cor-
relation and design.
Note 4: RON and
ΔRON matching specifications are guaranteed by design.
Note 5:
ΔRON = RON(MAX) - RON(MIN).
Note 6: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 7: Guaranteed by design, not production tested.
Note 8: Off-isolation = 20log10 [VCOM_ / (VNO_ or VNC_)], VCOM_ = output, VNO_ or VNC_ = input to off switch.
Note 9: Between any two switches.


Similar Part No. - MAX4760EWX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4760EBX+T MAXIM-MAX4760EBX+T Datasheet
178Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
MAX4760EBX-T MAXIM-MAX4760EBX-T Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4760ETX MAXIM-MAX4760ETX Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4760ETX+T MAXIM-MAX4760ETX+T Datasheet
178Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
More results

Similar Description - MAX4760EWX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4760 MAXIM-MAX4760 Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4760 MAXIM-MAX4760_09 Datasheet
178Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
logo
STMicroelectronics
STG3820 STMICROELECTRONICS-STG3820 Datasheet
485Kb / 20P
   Low voltage high bandwidth quad DPDT switch
August 2013 Rev 4
logo
Pericom Semiconductor C...
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
   Bandwidth Quad Analog Switches
logo
Maxim Integrated Produc...
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4758 MAXIM-MAX4758 Datasheet
343Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
Rev 0; 10/03
logo
Pericom Semiconductor C...
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
logo
Vishay Siliconix
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. A, 01-Aug-03
72342 VISHAY-72342 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com