Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4814EECB+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4814EECB+
Description  DVI/HDMI 2:4 Low-Frequency Fan Out Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4814EECB+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4814EECB+ Datasheet HTML 1Page - Maxim Integrated Products MAX4814EECB+ Datasheet HTML 2Page - Maxim Integrated Products MAX4814EECB+ Datasheet HTML 3Page - Maxim Integrated Products MAX4814EECB+ Datasheet HTML 4Page - Maxim Integrated Products MAX4814EECB+ Datasheet HTML 5Page - Maxim Integrated Products MAX4814EECB+ Datasheet HTML 6Page - Maxim Integrated Products MAX4814EECB+ Datasheet HTML 7Page - Maxim Integrated Products MAX4814EECB+ Datasheet HTML 8Page - Maxim Integrated Products MAX4814EECB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DVI/HDMI 2:4 Low-Frequency Fan Out Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V ±10%, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C, VDD = +5V. Note 2.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND. Note 1.)
VDD, A_, B_, SW_, EFN..........................................-0.3V to +6.0V
All Other Pins (except GND).........................-0.3V to VDD + 0.3V
Continuous Current, A_, B_ ..............................................±60mA
Continuous Current, VDD or GND...................................±100mA
Continuous Power Dissipation (TA = +70°C)
64-Pin TQFP (derate 31.3mW/°C above +70°C)........2508mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering) .........................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power-Supply Voltage
VDD
4.5
5
5.5
V
Power-Supply Current
IDD
EFN = unconnected; all inputs = 0;
all outputs high or low, no loads
10
µA
EFN Leakage Current
IL
VEFN = VDD - 0.2V
-2
+2
µA
LOGIC INPUTS (DA_, DB_, MODE, AD_)
Input Low Voltage DA_, DB_
VIL
MODE = 0V
0.8
V
Input High Voltage DA_, DB_
VIH
MODE = 0V
2
V
Input-Voltage Hysteresis DA_, DB_
VHYST
MODE = 0V
150
mV
Input Low Voltage AD_
VIL
MODE = VDD
0.8
V
Input High Voltage AD_
VIH
MODE = VDD
2V
Input-Voltage Hysteresis AD_
VHYST
MODE = VDD
150
mV
Input Low Voltage MODE
VIL
0.8
V
Input High Voltage MODE
VIH
2V
Input-Voltage Hysteresis MODE
VHYST
150
mV
Input Leakage Current DA_, DB_
IL
MODE = 0V
±1
µA
Input Leakage Current AD_
IL
MODE = VDD
±1
µA
Input Leakage Current MODE
IL
±1
µA
LOGIC OUTPUTS DO_
Output-Voltage Low
VOL
MODE = VDD, ISINK = 30µA
0.5
V
Output-Voltage High
VOH
MODE = VDD, ISOURCE = 26µA
2
V
Output Leakage Current
IL
MODE = VDD, output at high impedance,
VIN = 1.5V
±1
µA
Output Rise Time
tR
VOUT from 0.8V to 2.2V, CLOAD = 10pF
600
ns
ISOURCE
-1
Output Short-Circuit Current
ISC
ISINK
+3
mA
Note 1: EFN must be either connected to VDD or left unconnected. EFN must not be connected to ground.


Similar Part No. - MAX4814EECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX481 MAXIM-MAX481 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX481 MAXIM-MAX481 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
ARTSCHIP ELECTRONICS CO...
MAX481 ARTSCHIP-MAX481 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-0122; Rev 10; 9/14
More results

Similar Description - MAX4814EECB+

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442 TI1-TMDS442_14 Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
logo
Maxim Integrated Produc...
MAX4929E MAXIM-MAX4929E Datasheet
216Kb / 13P
   HDMI 2:1 Low-Frequency Translating Switch
Rev 0; 10/07
logo
Analog Devices
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Maxim Integrated Produc...
MAX3845 MAXIM-MAX3845 Datasheet
557Kb / 19P
   DVI/HDMI 2:4 TMDS Fanout Switch and Cable Driver
Rev 0; 4/07
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com