Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4613ESE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4613ESE
Description  Quad, SPST Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4613ESE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4613ESE Datasheet HTML 2Page - Maxim Integrated Products MAX4613ESE Datasheet HTML 3Page - Maxim Integrated Products MAX4613ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4613ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4613ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4613ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4613ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4613ESE Datasheet HTML 9Page - Maxim Integrated Products MAX4613ESE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Applications Information
General Operation
1) Switches are open when power is off.
2) IN_, D_, and S_ should not exceed V+ or V-, even
with the power off.
3) Switch leakage is from each analog switch terminal
to V+ or V-, not to other switch terminals.
Operation with Supply Voltages
Other than ±15V
Using supply voltages less than ±15V will reduce the
analog signal range. The MAX4613 operates with
±4.5V to ±20V bipolar supplies or with a +4.5V to +40V
single supply; connect V- to GND when operating with
a single supply. Also, all device types can operate with
unbalanced supplies such as +24V and -5V. VL must
be connected to +5V to be TTL compatible, or to V+ for
CMOS-logic level inputs. The Typical Operating
Characteristics graphs show typical on-resistance with
±20V, ±15V, ±10V, and ±5V supplies. (Switching times
increase by a factor of two or more for operation at ±5V.)
Overvoltage Protection
Proper power-supply sequencing is recommended
for all CMOS devices. Do not exceed the absolute
maximum ratings because stresses beyond the list-
ed ratings may cause permanent damage to the
devices. Always sequence V+ on first, followed by
VL, V-, and logic inputs. If power-supply sequencing
is not possible, add two small, external signal
diodes in series with supply pins for overvoltage
protection (Figure 1). Adding diodes reduces the
analog signal range to 1V below V+ and 1V above
V-, but low switch resistance and low leakage char-
acteristics are unaffected. Device operation is
unchanged, and the difference between V+ and V-
should not exceed +44V.
Quad, SPST Analog Switch
6
_______________________________________________________________________________________
Pin Description
PIN
DIP/SO/TSSOP
THIN QFN
NAME
FUNCTION
1, 8, 9, 16
6, 7, 14, 15
IN1–IN4
Logic Control Input
2, 7, 10, 15
5, 8, 13, 16
D1–D4
Analog-Switch Drain Output
3, 6, 11, 14
1, 4, 9, 12
S1–S4
Analog-Switch Source Output
4
2
V-
Negative-Supply Voltage Input
5
3
GND
Ground
12
10
VL
Logic-Supply Voltage Input
13
11
V+
Positive-Supply Voltage Input—Connected to Substrate
EP
PAD
Exposed Pad. Connect PAD to V+.
Figure 1. Overvoltage Protection Using External Blocking Diodes
V+
D
V-
S
Vg


Similar Part No. - MAX4613ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4613ESE MAXIM-MAX4613ESE Datasheet
122Kb / 8P
   Quad, SPST Analog Switch
Rev 0; 4/98
More results

Similar Description - MAX4613ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
   Quad, SPST Analog Switch
Rev 0; 4/98
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
   Quad SPST JFET Analog Switch
REV. A
SW201 AD-SW201 Datasheet
413Kb / 6P
   QUAD SPST JFET ANALOG SWITCH
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
   CMOS Quad SPST Analog Switch
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
   CMOS QUAD SPST ANALOG SWITCH
logo
New Japan Radio
NJU7301 NJRC-NJU7301 Datasheet
171Kb / 5P
   C-MOS QUAD SPST ANALOG SWITCH
logo
Intersil Corporation
DG308A INTERSIL-DG308A_01 Datasheet
187Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com