Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5096_0709 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5096_0709
Description  40V, 600mA Buck Converters with Low- Quiescent-Current Linear Regulator Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5096_0709 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5096_0709 Datasheet HTML 1Page - Maxim Integrated Products MAX5096_0709 Datasheet HTML 2Page - Maxim Integrated Products MAX5096_0709 Datasheet HTML 3Page - Maxim Integrated Products MAX5096_0709 Datasheet HTML 4Page - Maxim Integrated Products MAX5096_0709 Datasheet HTML 5Page - Maxim Integrated Products MAX5096_0709 Datasheet HTML 6Page - Maxim Integrated Products MAX5096_0709 Datasheet HTML 7Page - Maxim Integrated Products MAX5096_0709 Datasheet HTML 8Page - Maxim Integrated Products MAX5096_0709 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
40V, 600mA Buck Converters with Low-
Quiescent-Current Linear Regulator Mode
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +14V, IOUT = 1mA, CIN = 100µF, COUT = 22µF, L = 22µH, CBP = 1µF, VEN = +2.4V (Figure 2), SGND = PGND = 0V, TA = TJ =
-40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EN Low-Voltage Threshold
VENL
Regulator off
0.4
V
EN Input Pulldown
VEN = 2V, LDO/BUCK = 4V
0.5
µA
RESET Voltage Threshold High
VRESET_H
VOUT rising
89
92
94
% VOUT
RESET Voltage Threshold Low
VRESET_L
VOUT falling
87
90
92
% VOUT
RESET Output-Low Voltage
VRL
ISINK = 1mA
0.2
V
RESET Output-High Leakage
Current
IRH
VRESET = 5V, VADJ = 1.5V
1
µA
RESET Output Minimum Timeout
Period
CCT = 0
25
µs
VOUT to RESET Delay
VOUT falling 10mV/µs, CCT = 0
6
µs
Delay Comparator Threshold
VCT_TH
VCT rising
1.18
1.2374
1.29
V
Delay Comparator Threshold
Hysteresis
100
mV
CT Charge Current
ICH
0.74
1
1.20
µA
CT Discharge Current
IDISCH
VCT = 1V
13.8
mA
THERMAL SHUTDOWN
Thermal Shutdown Temperature
TJ(SHDN)
Temperature rising
+165
°C
Thermal Shutdown Hysteresis
ΔTJ(SHDN)
20
°C
Note 1: Limits to -40°C are guaranteed by design.
Note 2: The continuous maximum output current from LDO is limited by package power dissipation.


Similar Part No. - MAX5096_0709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5096 MAXIM-MAX5096_07 Datasheet
493Kb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 1; 6/07
More results

Similar Description - MAX5096_0709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5096 MAXIM-MAX5096_V01 Datasheet
1Mb / 18P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
2015
MAX5096 MAXIM-MAX5096 Datasheet
3Mb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 0; 7/06
MAX5096 MAXIM-MAX5096_07 Datasheet
493Kb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 1; 6/07
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Freescale Semiconductor...
34727 FREESCALE-34727 Datasheet
1Mb / 19P
   600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com