Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5097AAUP+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5097AAUP+
Description  40V, 600mA Buck Converters with Low- Quiescent-Current Linear Regulator Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5097AAUP+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5097AAUP+ Datasheet HTML 1Page - Maxim Integrated Products MAX5097AAUP+ Datasheet HTML 2Page - Maxim Integrated Products MAX5097AAUP+ Datasheet HTML 3Page - Maxim Integrated Products MAX5097AAUP+ Datasheet HTML 4Page - Maxim Integrated Products MAX5097AAUP+ Datasheet HTML 5Page - Maxim Integrated Products MAX5097AAUP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5097AAUP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5097AAUP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5097AAUP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
40V, 600mA Buck Converters with Low-
Quiescent-Current Linear Regulator Mode
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +14V, IOUT = 1mA, CIN = 100µF, COUT = 22µF, L = 22µH, CBP = 1µF, VEN = +2.4V (Figure 2), SGND = PGND = 0V, TA = TJ =
-40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BUCK MODE
Supply Current
(Buck Converter On)
IS
LDO/BUCK = low,
VADJ = 1.4V, MAX5096,
no switching
135kHz
version
693
980
µA
Supply Current
(Buck Converter On)
IS
LDO/BUCK = low,
VADJ = 1.4V, MAX5097,
no switching
330kHz
Version
720
1000
µA
5V version, 5.5V ≤ VIN ≤ 40V, no load
4.85
5
5.12
Fixed Output Voltage
VOUT
3.3V version, 5.5V ≤ VIN ≤ 40V, no load
3.196
3.3
3.391
V
ADJ Set Point
VFB
50% duty cycle, no load
1.21
1.235
1.27
V
ADJ Input Bias Current
IFB
VADJ = 1.5V
5
100
nA
VADJTH_R
ADJ rising
125
Dual Mode ADJ Threshold
VADJTH_F
ADJ falling
62
mV
Maximum Duty Cycle
DMAX
VADJ = 0.5V
100
%
Error Amplifier Transconductance
GmEA
VCOMP = VADJ, ICOMP = ±10µA
55
136
210
µS
Adjustable Output Voltage Range
VADJ
1.235
11.000
V
Minimum Output Current
IOUT
VIN = 6.5V to 40V
600
mA
Switch Current Limit
ISW_LIM
VIN = 6V to 40V
1.15
1.5
1.90
A
Internal Switch On-Resistance
RDS(ON)
VIN = 14V, IDRAIN = 100mA
0.9
2.1
Ω
Switch Leakage Current
ISW_L
VEN = 0V
0.05
3µA
VIN = 14V, VOUT = 5V, IOUT = 400mA
85
Efficiency
η
VIN = 14V, VOUT = 3.3V, IOUT = 400mA
81
%
MAX5096
120
135
148
kHz
Switching Frequency
fSW
MAX5097
300
330
350
kHz
MAX5096
120
500
kHz
Synchronization SYNC Input
fSYNC
MAX5097
300
500
kHz
SYNC Input High Threshold
VSYNCH
VBP = 4V
2.0
V
SYNC Input Low Threshold
VSYNCL
VBP = 4V
0.8
V
SYNC Input Minimum High Pulse
Width
250
ns
SYNC Input Leakage
VSYNC =11V
1
µA
LDO MODE
Guaranteed Output Current
IOUT
(Note 2)
100
mA


Similar Part No. - MAX5097AAUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5097AAUP++ MAXIM-MAX5097AAUP+ Datasheet
3Mb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 0; 7/06
MAX5097AAUP++ MAXIM-MAX5097AAUP+ Datasheet
493Kb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 1; 6/07
MAX5097AAUP++ MAXIM-MAX5097AAUP+ Datasheet
1Mb / 18P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
2015
More results

Similar Description - MAX5097AAUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5096 MAXIM-MAX5096_V01 Datasheet
1Mb / 18P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
2015
MAX5096 MAXIM-MAX5096 Datasheet
3Mb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 0; 7/06
MAX5096 MAXIM-MAX5096_07 Datasheet
493Kb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 1; 6/07
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Freescale Semiconductor...
34727 FREESCALE-34727 Datasheet
1Mb / 19P
   600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com