Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5097 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5097
Description  40V, 600mA Buck Converters with Low- Quiescent-Current Linear Regulator Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5097 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5097 Datasheet HTML 3Page - Maxim Integrated Products MAX5097 Datasheet HTML 4Page - Maxim Integrated Products MAX5097 Datasheet HTML 5Page - Maxim Integrated Products MAX5097 Datasheet HTML 6Page - Maxim Integrated Products MAX5097 Datasheet HTML 7Page - Maxim Integrated Products MAX5097 Datasheet HTML 8Page - Maxim Integrated Products MAX5097 Datasheet HTML 9Page - Maxim Integrated Products MAX5097 Datasheet HTML 10Page - Maxim Integrated Products MAX5097 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
40V, 600mA Buck Converters with Low-
Quiescent-Current Linear Regulator Mode
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VIN = +14V, VEN = +2.4V, MAX5097AATE+, Figures 2 and 4, TA = +25°C, unless otherwise specified.)
0
30
20
10
40
50
60
70
80
90
100
0.01
0.1
1
EFFICIENCY vs. LOAD CURRENT
(VOUT = 5V)
LOAD CURRENT (A)
VIN = 40V
VIN = 5.5V
VIN = 24V
VIN = 14V
2ms/div
LOAD-TRANSIENT RESPONSE
(LDO MODE)
IOUT
50mA/div
VOUT
50mV/div
MAX5096 toc11
VIN = 14V
IOUT = 100μA to 50mA
1ms/div
LOAD-TRANSIENT RESPONSE
(BUCK MODE)
IOUT
200mA/div
VOUT
AC-COUPLED
100mV/div
MAX5096 toc12
VIN = 14V
ISTEP = 300mA to 600mA
10ms/div
VIN STARTUP RESPONSE
(LDO MODE)
VIN
10V/div
RESET
5V/div
MAX5096 toc13
VIN = 14V
IOUT = 0A
CCT = 0.047μF
VEN
10V/div
VOUT
2V/div
10ms/div
ENABLE STARTUP RESPONSE
(LDO MODE)
VIN
10V/div
RESET
5V/div
MAX5096 toc14
VIN = 14V
IOUT = 100mA
CCT = 0.047μF
VEN
5V/div
VOUT
2V/div
10ms/div
VIN STARTUP RESPONSE
(BUCK MODE)
VIN
10V/div
RESET
5V/div
MAX5096 toc15
VIN = 14V
IOUT = 0A
CCT = 0.047μF
VEN
5V/div
VOUT
2V/div
10ms/div
ENABLE STARTUP RESPONSE
(BUCK MODE)
VIN
10V/div
RESET
5V/div
MAX5096 toc16
VIN = 14V
IOUT = 600mA
CCT = 0.047μF
VEN
5V/div
VOUT
2V/div
100ms/div
SHUTDOWN RESPONSE THROUGH
VIN (LDO MODE)
VIN
10V/div
RESET
5V/div
MAX5096 toc17
IOUT = 50mA
VEN
10V/div
VOUT
2V/div
100ms/div
SHUTDOWN RESPONSE THROUGH
VIN (BUCK MODE)
VIN
10V/div
RESET
5V/div
MAX5096 toc18
IOUT = 50mA
VEN
10V/div
VOUT
2V/div


Similar Part No. - MAX5097

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5097 MAXIM-MAX5097 Datasheet
3Mb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 0; 7/06
MAX5097 MAXIM-MAX5097 Datasheet
1Mb / 18P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
2015
MAX5097A MAXIM-MAX5097A Datasheet
3Mb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 0; 7/06
MAX5097A MAXIM-MAX5097A Datasheet
127Kb / 6P
   The EV kit circuit features a MAX5097A IC in a 16-pin TQFN package
Rev 0; 1/07
MAX5097AATE++ MAXIM-MAX5097AATE+ Datasheet
3Mb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 0; 7/06
More results

Similar Description - MAX5097

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5096 MAXIM-MAX5096_V01 Datasheet
1Mb / 18P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
2015
MAX5096 MAXIM-MAX5096 Datasheet
3Mb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 0; 7/06
MAX5096 MAXIM-MAX5096_07 Datasheet
493Kb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 1; 6/07
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Freescale Semiconductor...
34727 FREESCALE-34727 Datasheet
1Mb / 19P
   600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com