Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5581BETP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5581BETP
Description  Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5581BETP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5581BETP Datasheet HTML 1Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 2Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 3Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 4Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 5Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 6Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 7Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 8Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Buffered, Fast-Settling, Quad,
12-/10-/8-Bit, Voltage-Output DACs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = 2.7V to 5.25V, DVDD = 1.8V to AVDD, AGND = 0, DGND = 0, VREF = 2.5V (for AVDD = 2.7V to 5.25V), VREF = 4.096V (for
AVDD = 4.5V to 5.25V), RL = 10k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to DVDD........................................................................±6V
AGND to DGND ..................................................................±0.3V
AVDD to AGND, DGND.............................................-0.3V to +6V
DVDD to AGND, DGND ............................................-0.3V to +6V
FB_, OUT_,
REF to AGND ........-0.3V to the lower of (AVDD + 0.3V) or +6V
SCLK, DIN, CS, PU,
DSP to DGND .......-0.3V to the lower of (DVDD + 0.3V) or +6V
UPIO1, UPIO2
to DGND ...............-0.3V to the lower of (DVDD + 0.3V) or +6V
Maximum Current into Any Pin .........................................±50mA
Continuous Power Dissipation (TA = +70
°C)
20-Pin TSSOP (derate 21.7mW/
°C above +70°C)........1739mW
20-Pin Thin QFN (derate 20.8mW/
°C above +70°C) ....1667mW
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-65
°C to +150°C
Junction Temperature ......................................................+150
°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC ACCURACY
MAX5580/MAX5581
12
MAX5582/MAX5583
10
Resolution
N
MAX5584/MAX5585
8
Bits
MAX5580A/MAX5581A (12 bit)
±1
MAX5580B/MAX5581B (12 bit)
±2
±4
MAX5582/MAX5583 (10 bit)
±0.5
±1
Integral Nonlinearity
INL
VREF = 2.5V at
AVDD = 2.7V and
VREF = 4.096V at
AVDD = 5.25V
(Note 2)
MAX5584/MAX5585 (8 bit)
±0.125
±0.5
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic (Note 2)
±1
LSB
MAX5580A/MAX5581A (12 bit), decimal code = 250
±5
MAX5580B/MAX5581B (12 bit), decimal code = 40
±5
±25
MAX5582/MAX5583 (10 bit), decimal code = 20
±5
±25
Offset Error
VOS
MAX5584/MAX5585 (8 bit), decimal code = 5
±5
±25
mV
Offset-Error Drift
5
ppm of
FS/
°C
MAX5580A, VREF = 4.096V
±1
±5
MAX5580A, VREF = 2.5V
±1.5
±7
MAX5581A, VREF = 4.096V
±0.5
±4
MAX5581A, VREF = 2.5V
±1
±5
MAX5580B/MAX5581B (12 bit)
±20
±40
MAX5582/MAX5583 (10 bit)
±5
±10
Gain Error
GE
Full-scale output
MAX5584/MAX5585 (8 bit)
±2
±3
LSB
Gain-Error Drift
1
ppm of
FS/
°C


Similar Part No. - MAX5581BETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5581 MAXIM-MAX5581 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5581 MAXIM-MAX5581 Datasheet
263Kb / 15P
   Fully Assembled and Tested
Rev 0; 6/05
MAX5581EVCMODU MAXIM-MAX5581EVCMODU Datasheet
263Kb / 15P
   Fully Assembled and Tested
Rev 0; 6/05
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   Fully Assembled and Tested
Rev 0; 6/05
More results

Similar Description - MAX5581BETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5294 MAXIM-MAX5294 Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290 MAXIM-MAX5290_07 Datasheet
846Kb / 35P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590_04 Datasheet
886Kb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
logo
IC MICROSYSTEMS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com