Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6969ANG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6969ANG
Description  16-Port, 5.5V Constant-Current LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6969ANG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6969ANG Datasheet HTML 5Page - Maxim Integrated Products MAX6969ANG Datasheet HTML 6Page - Maxim Integrated Products MAX6969ANG Datasheet HTML 7Page - Maxim Integrated Products MAX6969ANG Datasheet HTML 8Page - Maxim Integrated Products MAX6969ANG Datasheet HTML 9Page - Maxim Integrated Products MAX6969ANG Datasheet HTML 10Page - Maxim Integrated Products MAX6969ANG Datasheet HTML 11Page - Maxim Integrated Products MAX6969ANG Datasheet HTML 12Page - Maxim Integrated Products MAX6969ANG Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
16-Port, 5.5V Constant-Current LED Driver
10
______________________________________________________________________________________
μC
MOSI
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
SCLK
DIN
CLK
0V
GND
MISO
DOUT
0V
360
Ω
OE
ENABLE
+5V
V+
+5V
LATCH
LOAD
SET
MAX6969
OUT8
OUT9
OUT10
OUT11
OUT12
OUT13
OUT14
OUT15
Typical Application Circuit
Selector Guide
PART
NO. OF
OUTPUTS
MAX OUTPUT
VOLTAGE (V)
MAX OUTPUT
CURRENT
LED FAULT
DETECTION
WATCHDOG
MAX6968
——
MAX6977
Yes
MAX6978
8
5.5
Yes
Yes
MAX6970
——
MAX6981
Yes
MAX6980
836
Yes
Yes
MAX6969
——
MAX6984
Yes
MAX6979
16
5.5
Yes
Yes
MAX6971
——
MAX6982*
Yes
MAX6983
16
36
55mA
Yes
Yes
*Future product—contact factory for availability.


Similar Part No. - MAX6969ANG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6969ANG++ MAXIM-MAX6969ANG+ Datasheet
204Kb / 12P
   16-Port, 5.5V Constant-Current LED Driver
2010
More results

Similar Description - MAX6969ANG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6969 MAXIM-MAX6969_V01 Datasheet
204Kb / 12P
   16-Port, 5.5V Constant-Current LED Driver
2010
MAX6971 MAXIM-MAX6971 Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
MAX6971 MAXIM-MAX6971_07 Datasheet
251Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
MAX6978 MAXIM-MAX6978 Datasheet
327Kb / 13P
   8-Port, 5.5V Constant-Current LED Driver with LED Fault Detection and Watchdog
Rev 1; 3/05
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com