Electronic Components Datasheet Search |
|
MAX6316 Datasheet(PDF) 5 Page - Maxim Integrated Products |
|
MAX6316 Datasheet(HTML) 5 Page - Maxim Integrated Products |
5 / 15 page 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset _______________________________________________________________________________________ 5 ______________________________________________________________Pin Description 1 1 — MAX6316M/MAX6318MH/MAX6319MH: Bidirectional, Active-Low, Reset Output. Intended to interface directly to microprocessors with bidirectional resets such as the Motorola 68HC11. MAX6320P/MAX6321HP/MAX6322HP: Open-Drain, Active-Low, Reset Output. NMOS out- put (sinks current only). Connect a pullup resistor from RESET to any supply voltage up to 6V. MAX6316L/MAX6318LH/MAX6319LH: Active-Low, Reset Output. CMOS push/pull output (sources and sinks current). RESET 1 4 — 5 3 2 MAX6319LH MAX6319MH MAX6322HP PIN — 4 5 3 2 MAX6318LH MAX6318MH MAX6321HP 3 4 5 1 2 MAX6317H Active-Low, Manual Reset Input. Pull low to force a reset. Reset remains asserted for the duration of the Reset Timeout Period after MR transitions from low to high. Leave unconnected or connected to VCC if not used. MR 3 Watchdog Input. Triggers a reset if it remains either high or low for the duration of the watchdog timeout period. The internal watchdog timer clears whenever a reset asserts or whenever WDI sees a rising or falling edge. To disable the watchdog fea- ture, leave WDI unconnected or three-state the dri- ver connected to WDI. WDI 4 Supply Voltage. Reset is asserted when VCC drops below the Reset Threshold Voltage (VRST). Reset remains asserted until VCC rises above VRST and for the duration of the Reset Timeout Period (tRP) once VCC rises above VRST. VCC 5 Active-High, Reset Output. CMOS push/pull output (sources and sinks current). Inverse of RESET. RESET — Ground GND 2 MAX6316L MAX6316M MAX6320P FUNCTION NAME |
Similar Part No. - MAX6316 |
|
Similar Description - MAX6316 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |