Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6771 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6771
Description  Automotive Micropower Linear Regulators with Supervisor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6771 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6771 Datasheet HTML 5Page - Maxim Integrated Products MAX6771 Datasheet HTML 6Page - Maxim Integrated Products MAX6771 Datasheet HTML 7Page - Maxim Integrated Products MAX6771 Datasheet HTML 8Page - Maxim Integrated Products MAX6771 Datasheet HTML 9Page - Maxim Integrated Products MAX6771 Datasheet HTML 10Page - Maxim Integrated Products MAX6771 Datasheet HTML 11Page - Maxim Integrated Products MAX6771 Datasheet HTML 12Page - Maxim Integrated Products MAX6771 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Automotive Micropower Linear Regulators
with Supervisor
_______________________________________________________________________________________
9
Pin Description (continued)
PIN
MAX6765/
MAX6766
MAX6767/
MAX6768
MAX6769/
MAX6770
MAX6771/
MAX6772
MAX6773/
MAX6773B/
MAX6774/
MAX6774B
NAME
FUNCTION
—4
HOLD
Active-Low Regulator Hold Input. When HOLD is
forced low, OUT remains on even if ENABLE is pulled
low. To shut down the regulator, release HOLD after
ENABLE is pulled low. Connect HOLD to OUT or
leave unconnected if unused. HOLD is internally
connected to OUT through a 1.8µA current source.
6
6
6
6
SET
Feedback Input for Setting the Output Voltage.
Connect SET to GND to select the preset output
voltage. Connect to an external resistive divider for
adjustable output operation.
——
4
RESETIN
Adjustable Reset Threshold Input. Connect to a
resistive divider to set the desired threshold.
———
3
ENABLE1
Active-High Enable Input 1. Drive ENABLE1 high to
turn on the regulator. ENABLE1 is internally
connected to ground through a 0.6µA current sink.
———
4
ENABLE2
Active-High Enable Input 2. Drive ENABLE2 high to
turn on the regulator. ENABLE2 is internally
connected to ground through a 0.6µA current sink.
———
4
WDI
Watchdog Timer Input. If WDI remains high or low for
longer than the watchdog timeout period, the
internal watchdog timer expires and the reset output
asserts for the reset timeout period. The internal
watchdog timer clears whenever a reset is asserted
or WDI sees a rising or falling edge. The watchdog
timer cannot be disabled. Do not leave WDI
unconnected.
EP
EP
EP
EP
EP
Exposed Paddle. EP is internally connected to GND.
Connect EP to the ground plane to provide a low
thermal-resistance path from the IC junction to the
PCB. Do not use as the electrical connection to GND.
Detailed Description
The MAX6765–MAX6774B low-quiescent-current, high-
voltage linear regulators operate from a 4V to 72V input
voltage and deliver more than 100mA of load current.
The MAX6765–MAX6774B include an integrated µP
reset circuit that monitors the regulator output voltage
and asserts a reset output when OUT falls below a
threshold limit, and includes an internally fixed or
adjustable reset timeout using a capacitor from TIME-
OUT to ground. All devices are available in a preset out-
put-voltage option of +1.8V, +2.5V, +3.3V, and +5V. The
output voltage of the MAX6767–MAX6774B is adjustable
from +1.8V to +11V using a resistive divider at SET. The
MAX6773/MAX6774 include a watchdog timer (WDI)
with a 1.6s (typ) watchdog timeout period and the
MAX6773B/MAX6774B include a watchdog timer with a
50ms (typ) watchdog timeout period. The MAX6769/
MAX6770 feature an adjustable reset threshold using a
resistive divider between the monitored voltage,
RESETIN, and GND; see the Functional Diagrams.
The MAX6771/MAX6772 provide dual enable inputs
(ENABLE1 and ENABLE2) to turn on and off the regula-
tor either through an ignition switch or a bus transceiver.


Similar Part No. - MAX6771

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6771 MAXIM-MAX6771 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6771 MAXIM-MAX6771 Datasheet
200Kb / 11P
   Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
MAX6771 MAXIM-MAX6771 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6771 MAXIM-MAX6771 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6771TALD2T MAXIM-MAX6771TALD2T Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
More results

Similar Description - MAX6771

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6765 MAXIM-MAX6765_10 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765 MAXIM-MAX6765 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com