Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8643A_0709 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8643A_0709
Description  3A, 2MHz Step-Down Regulator with Integrated Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8643A_0709 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8643A_0709 Datasheet HTML 2Page - Maxim Integrated Products MAX8643A_0709 Datasheet HTML 3Page - Maxim Integrated Products MAX8643A_0709 Datasheet HTML 4Page - Maxim Integrated Products MAX8643A_0709 Datasheet HTML 5Page - Maxim Integrated Products MAX8643A_0709 Datasheet HTML 6Page - Maxim Integrated Products MAX8643A_0709 Datasheet HTML 7Page - Maxim Integrated Products MAX8643A_0709 Datasheet HTML 8Page - Maxim Integrated Products MAX8643A_0709 Datasheet HTML 9Page - Maxim Integrated Products MAX8643A_0709 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3A, 2MHz Step-Down Regulator
with Integrated Switches
6
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
Typical Operating Characteristics (continued)
(Typical values are at VIN = VDD = 3.3V, VOUT = 1.8V, RFREQ = 50kΩ, IOUT = 3A, and TA = +25°C, unless otherwise noted.)
INPUT CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0
1
2
3
4
5
6
7
8
9
10
VEN = 0V
CURRENT LIMIT vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
7
HICCUP CURRENT LIMIT
400
µs/div
MAX8643A toc12
IIN
IOUT
VOUT
5A/div
1A/div
1V/div
0A
0A
0V
RMS INPUT CURRENT DURING SHORT CIRCUIT
vs. INPUT VOLTAGE (C4 = 0.022
µF)
INPUT VOLTAGE (V)
2.0
2.5
3.0
3.5
4.0
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
VOUT = 0V
EXPOSED PAD TEMPERATURE
vs. AMBIENT TEMPERATURE
TEMPERATURE (
°C)
0
20406080
100
10
20
30
40
50
60
70
80
90
100
110
VOUT = 1.8V
3A LOAD
MEASURED ON A MAX8643EVKIT
FEEDBACK VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
0.56
0.57
0.58
0.59
0.60
0.61
0.62
0.63
0.64
SOFT-START WITH REFIN
200
µs/div
MAX8643A toc16
VPWRGD
VOUT
VREFIN
IIN
1V/div
2V/div
1A/div
0V
0V
0A
0.5V/div
0V
STARTING INTO PREBIAS OUTPUT
100
µs/div
CSS = 6800pF, CO = 122
µF, L = 0.56µH, VOUT = 2.5V
MAX8643A toc17
2V/div
2V/div
VEN
VOUT
VPWRGD
0V
0V
1V/div
0V


Similar Part No. - MAX8643A_0709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
More results

Similar Description - MAX8643A_0709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8646 MAXIM-MAX8646 Datasheet
363Kb / 16P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/07
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15038 MAXIM-MAX15038_09 Datasheet
365Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15039 MAXIM-MAX15039_09 Datasheet
369Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com