Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8640YEXT13+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8640YEXT13+T
Description  Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8640YEXT13+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8640YEXT13+T Datasheet HTML 1Page - Maxim Integrated Products MAX8640YEXT13+T Datasheet HTML 2Page - Maxim Integrated Products MAX8640YEXT13+T Datasheet HTML 3Page - Maxim Integrated Products MAX8640YEXT13+T Datasheet HTML 4Page - Maxim Integrated Products MAX8640YEXT13+T Datasheet HTML 5Page - Maxim Integrated Products MAX8640YEXT13+T Datasheet HTML 6Page - Maxim Integrated Products MAX8640YEXT13+T Datasheet HTML 7Page - Maxim Integrated Products MAX8640YEXT13+T Datasheet HTML 8Page - Maxim Integrated Products MAX8640YEXT13+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Tiny 500mA, 4MHz/2MHz Synchronous
Step-Down DC-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND .................................................................-0.3V to +6V
LX, OUT, SHDN to GND ..............................-0.3V to (VIN + 0.3V)
LX Current (Note 1) ........................................................0.8ARMS
OUTPUT Short Circuit to GND ...................................Continuous
Continuous Power Dissipation (TA = +70°C)
6-Pin SC70 (derate 3.1mW/°C above +70°C) ..............245mW
6-Pin µDFN (derate 2.1mW/°C above +70°C) ..............167.7mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VIN = 3.6V, SHDN = IN, TA = -40°C to +85°C, typical values are at TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Range
VIN
2.7
5.5
V
UVLO Threshold
UVLO
VIN rising, 100mV hysteresis
2.44
2.6
2.70
V
No load, no switching
28
48
TA = +25°C
0.01
0.1
Supply Current
ICC
SHDN = GND
TA = +85°C
0.1
µA
Output Voltage Range
VOUT
Factory preset
0.8
2.5
V
ILOAD = 0mA, TA = +25°C
-1
0
+1
Output Voltage Accuracy
(Falling Edge)
ILOAD = 0mA, TA = -40°C to +85°C
-2
+2
%
Output Load Regulation
(Voltage Positioning)
Equal to inductor DC resistance
RL
V/A
VIH
VIN = 2.7V to 5.5V
1.4
SHDN Logic Input Level
VIL
VIN = 2.7V to 5.5V
0.4
V
TA = +25°C
0.001
1
SHDN Logic Input Bias Current
IIH,IL
VIN = 5.5V,
SHDN = GND or IN
TA = +85°C
0.01
µA
Peak Current Limit
ILIMP
pFET switch
590
770
1400
mA
Valley Current Limit
ILIMN
nFET rectifier
450
650
1300
mA
Rectifier Off-Current Threshold
ILXOFF
nFET rectifier
10
40
70
mA
RONP
pFET switch, ILX = -40mA
0.6
1.2
On-Resistance
RONN
nFET rectifier, ILX = 40mA
0.35
0.7
Ω
TA = +25°C
0.1
1
LX Leakage Current
ILXLKG
VIN = 5.5V, LX = GND
to IN, SHDN = GND
TA = +85°C
1
µA
tON(MIN)
95
Minimum On and Off Times
tOFF(MIN)
95
ns
Thermal Shutdown
+160
°C
Thermal-Shutdown Hysteresis
20
°C
Note 1: LX has internal clamp diodes to IN and GND. Applications that forward bias these diodes should not exceed the IC’s package
power-dissipation limit.
Note 2: All devices are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.


Similar Part No. - MAX8640YEXT13+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8640YEXT13+T MAXIM-MAX8640YEXT13+T Datasheet
310Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 7/07
MAX8640YEXT13+T MAXIM-MAX8640YEXT13+T Datasheet
458Kb / 12P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
MAX8640YEXT13+T MAXIM-MAX8640YEXT13+T Datasheet
548Kb / 13P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
More results

Similar Description - MAX8640YEXT13+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8640Y MAXIM-MAX8640Y Datasheet
310Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 7/07
MAX8640Y MAXIM-MAX8640Y_09 Datasheet
458Kb / 12P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
MAX8640Y MAXIM-MAX8640Y_V01 Datasheet
548Kb / 13P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
   500mA Synchronous Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_10 Datasheet
301Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com