Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS7081RSPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IPS7081RSPBF
Description  INTELLIGENT POWER HIGH SIDE SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS7081RSPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IPS7081RSPBF Datasheet HTML 4Page - International Rectifier IPS7081RSPBF Datasheet HTML 5Page - International Rectifier IPS7081RSPBF Datasheet HTML 6Page - International Rectifier IPS7081RSPBF Datasheet HTML 7Page - International Rectifier IPS7081RSPBF Datasheet HTML 8Page - International Rectifier IPS7081RSPBF Datasheet HTML 9Page - International Rectifier IPS7081RSPBF Datasheet HTML 10Page - International Rectifier IPS7081RSPBF Datasheet HTML 11Page - International Rectifier IPS7081RSPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IPS7081(R)(S)
www.irf.com
8
0
10
20
30
40
50
60
70
80
0123456
Tdiag on
Tdiag off
Tj, junction temperature (°C)
Figur
j (°C)
Output current (A)
Output current (A)
Vs junction temperature (°C)
Tj, junction temperature (°C)
50%
100%
150%
200%
-50
0
50
100
150
0
500
1000
1500
01
234
56
Eon
Eoff
Iout, Output current (A)
Figure 10 – Switching energy (µJ) Vs Output
current (A)
0
2
4
6
8
10
-50
0
50
100
150
Figure 9 –I limit (A)
Figure 12 – Diagnosis Blanking time (
µs) Vs
e 11 - Normalized Rds(on) (%) Vs T


Similar Part No. - IPS7081RSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
   PROTECTED HIGH SIDE SWITCH
IPS7091 IRF-IPS7091 Datasheet
714Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7091G IRF-IPS7091G Datasheet
714Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7091GPBF IRF-IPS7091GPBF Datasheet
447Kb / 11P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7091GPBF IRF-IPS7091GPBF Datasheet
714Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
More results

Similar Description - IPS7081RSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
logo
International Rectifier
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041GTRPBF IRF-IPS6041GTRPBF Datasheet
888Kb / 16P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7091 IRF-AUIPS7091_15 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6031 INFINEON-AUIPS6031 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com