Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTP-627MCL401 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTP-627MCL401
Description  24V driveN high speed thermal printer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-627MCL401 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTP-627MCL401 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-627MCL401 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-627MCL401 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-627MCL401 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-627MCL401 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-627MCL401 Datasheet HTML 6Page - Fujitsu Component Limited. FTP-627MCL401 Datasheet HTML 7Page - Fujitsu Component Limited. FTP-627MCL401 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FTP-627MCL401/601
n
ParTNuMberS
n
SPeCiFiCaTiONS
Part Number
Easy Load Model with low profile cutter
FTP-627MCL401
FTP-627MCL601
LSI for driving
FTP-627CU301R
Interface
board for
Mech/Cutter
Cutter
supported
MCL401
FTP-627DSL291R Parallel (Centronics) /Serial (RS-232C)
MCL601
FTP-627DSL603R (USB)
FTP-627DSL605R Serial (RS-232C)
Interface
cables
Parallel (Centronics)
FTP-628Y202
Serial (RS232C)
FTP-628Y302
USB
FTP-629Y301
Power
cables
Logic
FTP-629Y401
Head, motor
FTP-629Y601
Part number
FTP-627MCL401/601
Printing method
Thermal-line dot method
Dot structure
432 dots/line
Dot pitch (Horizontal)
0.125 mm (8 dots/mm)—Dot density
Dot pitch (Vertical)
0.125 mm (8 dots/mm)—Line feed pitch
Effective printing area
54 mm
Number of columns
ANK 36 columns/line (maximum 12 x 24
dot font)
Paper width
58 mm
Paper thickness
60 to 100 µ m (some paper in this range may not be used because
of paper characteristics)
Printing Speed
Maximum 100mm/sec. (800 dot line/sec.)
Maximum 150mm/sec. (1,200 dot line/sec.)
Alphanumeric, kana:
159 types
International characters:
195 types
JIS Kanji (Kanji CG loaded board):
about 6800 types
2 × 24 dots, (1.5 × 3.0 mm), 36 columns: ANK
24 × 24 dots, (3.0 × 3.0 mm), 18 columns: ANK
8 × 16 dots, (1.0 × 2.0 mm), 54 columns: ANK
6 × 16 dots, (2.0 × 2.0 mm), 27 columns: ANK
Specifications
Item
Character types
Character, dimensions (W×H), number
of columns
MCL401
MCL601


Similar Part No. - FTP-627MCL401

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-627MCL401 FUJITSU-FTP-627MCL401 Datasheet
397Kb / 9P
   2??high speed thermal p rinter
FTP-627MCL401_0712 FUJITSU-FTP-627MCL401_0712 Datasheet
397Kb / 9P
   2??high speed thermal p rinter
More results

Similar Description - FTP-627MCL401

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-637MCL401 FUJITSU-FTP-637MCL401 Datasheet
371Kb / 8P
   24V driven High speed thermal printer
FTP-639USL100-R FUJITSU-FTP-639USL100-R Datasheet
693Kb / 10P
   24V driven receipt, ticket printer 3??KIOSK printer unit
FTP-631MCL101 FUJITSU-FTP-631MCL101 Datasheet
62Kb / 6P
   24V DRIVE, ULTRA HIGH SPEED LINE THERMAL PRINTER 3??MECHANISM
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
FTP-648M FUJITSU-FTP-648M Datasheet
305Kb / 6P
   battery drive, 4 high speed thermal printer
FTP-637MCL103 FUJITSU-FTP-637MCL103 Datasheet
220Kb / 6P
   HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
   Portable Thermal Printer
logo
Fujitsu Component Limit...
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
   FUJITSU THERMAL PRINTER
FTP-62DMCL101 FUJITSU-FTP-62DMCL101 Datasheet
607Kb / 6P
   battery drive, FTP-60D Series 2??high speed thermal printer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com